Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4077-2
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4077-2 Datasheet HTML 4Page - Analog Devices ADA4077-2 Datasheet HTML 5Page - Analog Devices ADA4077-2 Datasheet HTML 6Page - Analog Devices ADA4077-2 Datasheet HTML 7Page - Analog Devices ADA4077-2 Datasheet HTML 8Page - Analog Devices ADA4077-2 Datasheet HTML 9Page - Analog Devices ADA4077-2 Datasheet HTML 10Page - Analog Devices ADA4077-2 Datasheet HTML 11Page - Analog Devices ADA4077-2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4077-2
Data Sheet
Rev. 0 | Page 8 of 20
Figure 12. TCVOS, MSOP
Figure 13. VOS vs. Supplies
Figure 14. VOS vs. VCM
Figure 15. TCVOS, SOIC
Figure 16. ISY vs. VSY
Figure 17. Input Bias Current vs. VCM
0
2
4
6
8
10
TCVOS (nV/°C)
12
14
16
18
VSY = ±15V
MSOP
10
–10
0
35
VSY (V)
–5
0
5
5
10
15
20
25
30
100
80
60
40
20
0
–20
–40
–60
–80
–100
–20
–15
–10
–5
0
20
15
10
5
VCM (V)
A
VERAGE –3σ
AVERAGE
A
VERAGE +3σ
VSY = ±15V
0
10
20
30
40
50
60
70
80
TCVOS (µV/°C)
VSY = ±15V
SOIC
0.9
–0.1
0
35
SUPPLY VOLTAGE (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
5
10
15
20
25
30
800
0
–20
–15
–10
–5
0
20
15
10
5
VCM (V)
AVERAGE –3σ
AVERAGE
AVERAGE +3σ
100
200
300
400
500
600
700
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com