Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4077-2
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4077-2 Datasheet HTML 7Page - Analog Devices ADA4077-2 Datasheet HTML 8Page - Analog Devices ADA4077-2 Datasheet HTML 9Page - Analog Devices ADA4077-2 Datasheet HTML 10Page - Analog Devices ADA4077-2 Datasheet HTML 11Page - Analog Devices ADA4077-2 Datasheet HTML 12Page - Analog Devices ADA4077-2 Datasheet HTML 13Page - Analog Devices ADA4077-2 Datasheet HTML 14Page - Analog Devices ADA4077-2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADA4077-2
Rev. 0 | Page 11 of 20
Figure 30. PSRR vs. Frequency, ±5 V
Figure 31. CMRR vs. Temperature
Figure 32. CMRR vs. Frequency
Figure 33. PSRR vs. Frequency, ±15 V
Figure 34. CMRR vs. Temperature
Figure 35. PSRR vs. Temperature
–20
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR–
PSRR+
VSY = ±5V
141
142
143
144
145
146
147
148
149
150
151
152
–50
0
50
–25
25
TEMPERATURE (°C)
75
100
125
VSY = ±5V
0
20
40
60
80
100
120
140
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±15V
VSY = ±5V
–20
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR–
PSRR+
VSY = ±15V
153
154
155
156
157
158
159
–50
0
50
–25
25
TEMPERATURE (°C)
75
100
125
VSY = ±15V
124
125
126
127
128
129
130
131
132
133
–50
0
50
100
–25
25
TEMPERATURE (°C)
75
125
VSY = ±5V TO ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com