Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4077-2
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4077-2 Datasheet HTML 9Page - Analog Devices ADA4077-2 Datasheet HTML 10Page - Analog Devices ADA4077-2 Datasheet HTML 11Page - Analog Devices ADA4077-2 Datasheet HTML 12Page - Analog Devices ADA4077-2 Datasheet HTML 13Page - Analog Devices ADA4077-2 Datasheet HTML 14Page - Analog Devices ADA4077-2 Datasheet HTML 15Page - Analog Devices ADA4077-2 Datasheet HTML 16Page - Analog Devices ADA4077-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADA4077-2
Rev. 0 | Page 13 of 20
Figure 42. Small Signal Transient Response
Figure 43. Positive Overload Recovery
Figure 44. Negative Overload Recovery
Figure 45. Small Signal Transient Response
Figure 46. Positive Overload Recovery
Figure 47. Negative Overload Recovery
TIME (100µs/DIV)
VSY = ±5V
VIN = 200mV p-p
AV = 1
RL = 2kΩ
CL = 1000pF
0V
TIME (10µs/DIV)
0.5
0
–0.5
–1
1
3
5
VSY = ±5V
AV = –100
VIN = 200mV
RL = 10kΩ
INPUT
OUTPUT
TIME (10µs/DIV)
0.5
0
–0.5
–5
–3
–1
1
VSY = ±5V
AV = –100
VIN = 200mV
RL = 10kΩ
INPUT
OUTPUT
TIME (100µs/DIV)
VSY = ±15V
VIN = 200mV p-p
AV = 1
RL = 2kΩ
CL = 1000pF
0V
TIME (10µs/DIV)
0.5
0
–0.5
–2
0
2
4
6
8
10
12
14
16
VSY = ±15V
AV = –100
VIN = 200mV
RL = 10kΩ
INPUT
OUTPUT
TIME (10µs/DIV)
0.5
0
–0.5
–15
–10
–5
0
VSY = ±15V
AV = –100
VIN = 200mV
RL = 10kΩ
INPUT
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com