Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4077-2
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4077-2 Datasheet HTML 6Page - Analog Devices ADA4077-2 Datasheet HTML 7Page - Analog Devices ADA4077-2 Datasheet HTML 8Page - Analog Devices ADA4077-2 Datasheet HTML 9Page - Analog Devices ADA4077-2 Datasheet HTML 10Page - Analog Devices ADA4077-2 Datasheet HTML 11Page - Analog Devices ADA4077-2 Datasheet HTML 12Page - Analog Devices ADA4077-2 Datasheet HTML 13Page - Analog Devices ADA4077-2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4077-2
Data Sheet
Rev. 0 | Page 10 of 20
Figure 24. Output Dropout Voltage vs. Load
Figure 25. Open-Loop Gain and Phase vs. Frequency
Figure 26. Output Voltage Swing vs. Temperature
Figure 27. Output Dropout Voltage vs. Load
Figure 28. Open-Loop Gain and Phase vs. Frequency
Figure 29. Output Voltage Swing vs. Temperature
1200
600
0.001
10
LOAD CURRENT (mA)
800
1000
0.01
0.1
1
VSY = ±5V
120
90
60
30
0
–30
135
90
45
0
–45
–90
10k
10M
1M
100k
FREQUENCY (Hz)
VSY = ±5V
RL = 2k
CL = 100pF
PHASE
GAIN
–6
–4
–2
0
2
4
6
–50
0
50
100
–25
25
TEMPERATURE (°C)
75
125
VOH
VOL
VSY = ±5V
1200
600
0.001
10
LOAD CURRENT (mA)
800
1000
0.01
0.1
1
VSY = ±15V
120
90
60
30
0
–30
135
90
45
0
–45
–90
10k
10M
1M
100k
FREQUENCY (Hz)
VSY = ±15V
RL = 2kΩ
CL = 100pF
PHASE
GAIN
–50
0
50
1
–25
25
TEMPERATURE (°C)
75
125
VOH
VOL
13.2
13.4
13.6
13.8
14.0
14.2
14.4
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com