Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD680 Datasheet (PDF) - Analog Devices

AD680 Datasheet PDF - Analog Devices
Part # AD680
Download  AD680 Download
File Size   160.57 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Cost 2.5 V Reference

AD680 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD680 Datasheet PDF - Analog Devices

Part # AD680
Download  AD680 Click to download

File Size   160.57 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Cost 2.5 V Reference

AD680 Datasheet (HTML) - Analog Devices


AD680 Product details

GENERAL DESCRIPTION
The AD680 is a band gap voltage reference that provides a fixed 2.5 V output from inputs between 4.5 V and 36 V. The architecture of the AD680 enables the reference to be operated at a very low quiescent current while still realizing excellent dc characteristics and noise performance. Trimming of the high stability thin-film resistors is performed for initial accuracy and temperature coefficient, resulting in low errors over temperature.

FEATURES
    Low quiescent current at 250 μA max
    Laser trimmed to high accuracy 2.5 V ± 5 mV max (AN, AR grades)
    Trimmed temperature coefficient 20 ppm/°C max (AN, AR grades)
    Low noise at 8 μV p-p from 0.1 Hz to 10 Hz
    250 nV/√Hz wideband
    Temperature output pin (N, R packages)
    Available in three package styles 8-lead PDIP, 8-lead SOIC, and 3-pin TO-92




Similar Part No. - AD680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD680 AD-AD680 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680AN AD-AD680AN Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680AN AD-AD680AN Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680ANZ1 AD-AD680ANZ1 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680AR AD-AD680AR Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Similar Description - AD680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
Low Cost Precision Reference
logo
Analog Devices
REF43 AD-REF43_04 Datasheet
961Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
AD680 AD-AD680_05 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
REF43 AD-REF43_15 Datasheet
961Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com