Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD680 Datasheet(PDF) 8 Page - Analog Devices

Part # AD680
Description  Low Power, Low Cost 2.5 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680 Datasheet(HTML) 8 Page - Analog Devices

  AD680 Datasheet HTML 1Page - Analog Devices AD680 Datasheet HTML 2Page - Analog Devices AD680 Datasheet HTML 3Page - Analog Devices AD680 Datasheet HTML 4Page - Analog Devices AD680 Datasheet HTML 5Page - Analog Devices AD680 Datasheet HTML 6Page - Analog Devices AD680 Datasheet HTML 7Page - Analog Devices AD680 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD680
REV. C
–8–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic DIP
8-Pin SOIC
3-Pin TO-92
0.014 (0.356)
0.022 (0.558)
0.195
(4.95)
MAX
8
1
5
4
0.210 (5.33)
MAX
0.150
(3.81)
MIN
0.100 BSC
(2.54 BSC)
0.240 (6.10)
0.280 (7.11)
0.348 (8.84)
0.430 (10.92)
0.015 (0.38)
0.060 (1.52)
0.045 (1.15)
0.70 (1.77)
0.300 (7.62)
0.325 (8.25)
0.008 (0.204)
0.015 (0.381)
1
4
5
8
0.050 (1.27)
TYP
0.188 (4.75)
0.198 (5.00)
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.200)
0.014 (0.36)
0.018 (0.46)
0.053 (1.35)
0.069 (1.75)
0.181 (4.60)
0.205 (5.20)
0.020 (0.50)
0.045 (1.15)
0.007 (0.18)
0.015 (0.38)
0.004 (0.10)
0.010 (0.25)
0.205 (5.20)
0.175 (4.96)
0.135
(3.43)
MIN
SEATING PLANE
0.210 (5.33)
0.170 (4.58)
0.050 (1.27) MAX
0.500
(12.70)
MIN
0.019 (0.482)
0.016 (0.407)
SQUARE
0.055 (1.39)
0.045 (1.15)
0.105 (2.66)
0.095 (2.42)
0.105 (2.66)
0.080 (2.42)
0.105 (2.66)
0.080 (2.42)
0.165 (4.19)
0.125 (3.94)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com