Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD680 Datasheet(PDF) 1 Page - Analog Devices

Part # AD680
Description  Low Power, Low Cost 2.5 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680 Datasheet(HTML) 1 Page - Analog Devices

  AD680 Datasheet HTML 1Page - Analog Devices AD680 Datasheet HTML 2Page - Analog Devices AD680 Datasheet HTML 3Page - Analog Devices AD680 Datasheet HTML 4Page - Analog Devices AD680 Datasheet HTML 5Page - Analog Devices AD680 Datasheet HTML 6Page - Analog Devices AD680 Datasheet HTML 7Page - Analog Devices AD680 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CONNECTION DIAGRAMS
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD680
TP*
+V
IN
TEMP
GND
TP*
TP*
VOUT
NC
NC = NO CONNECT
TP DENOTES FACTORY TEST POINT.
NO CONNECTIONS SHOULD BE MADE
TO THESE PINS.
*
3
2
1
+V
IN
V
OUT
GND
AD680
BOTTOM VIEW
(Not to Scale)
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Power, Low Cost
2.5 V Reference
AD680*
FEATURES
Low Quiescent Current: 250
A max
Laser Trimmed to High Accuracy:
2.5 V
5 mV max (AN, AR Grade)
Trimmed Temperature Coefficient:
20 ppm/ C max (AN, AR Grade)
Low Noise: 8
V p-p from 0.1 Hz to 10 Hz
250 nV/
√Hz Wideband
Temperature Output Pin (N, R Packages)
Available in Three Package Styles:
8-Pin Plastic DIP, 8-Pin SOIC and 3-Pin TO-92
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT DESCRIPTION
The AD680 is a bandgap voltage reference which provides a
fixed 2.5 V output from inputs between 4.5 V and 36 V. The
architecture of the AD680 enables the reference to be operated
at a very low quiescent current while still realizing excellent dc
characteristics and noise performance. Trimming of the high
stability thin-film resistors is performed for initial accuracy and
temperature coefficient, resulting in low errors over temperature.
The precision dc characteristics of the AD680 make it ideal for
use as a reference for D/A converters which require an external
precision reference. The device is also ideal for A/D converters
and, in general, can offer better performance than the standard
on-chip references.
Based upon the low quiescent current of the AD680, which
rivals that of many incomplete two-terminal references, the
AD680 is recommended for low power applications such as
hand-held battery equipment.
A temperature output pin is provided on the 8-pin package ver-
sions of the AD680. The temperature output pin provides an
output voltage that varies linearly with temperature and allows
the AD680 to be configured as a temperature transducer while
providing a stable 2.5 V output.
The AD680 is available in five grades. The AD680AN is speci-
fied for operation from –40
°C to +85°C, while the AD680JN
is specified for 0
°C to +70°C operation. Both the AD680AN
and AD680JN are available in 8-pin plastic DIP packages. The
AD680AR is specified for operation from –40
°C to +85°C,
while the AD680JR is specified for 0
°C to +70°C operation.
Both are available in an 8-pin Small Outline IC (SOIC) pack-
age. The AD680JT is specified for 0
°C to +70°C operation and
is available in a 3-pin TO-92 package.
*Protected by U.S. Patent Nos. 4,902,959; 4,250,445 and 4,857,862.
PRODUCT HIGHLIGHTS
1. The AD680 bandgap reference operates on a very low quies-
cent current which rivals that of many two-terminal refer-
ences. This makes the complete, higher accuracy AD680
ideal for use in power sensitive applications.
2. Laser trimming of both initial accuracy and temperature
coefficients results in low errors over temperature without the
use of external components. The AD680AN and AD680AR
have a maximum variation of 6.25 mV between –40
°C and
+85
°C.
3. The AD680 noise is low, typically 8
µV p-p from 0.1 Hz to
10 Hz. Spectral density is also low, typically 250 nV/
√Hz.
4. The temperature output pin on the 8-pin package versions
enables the AD680 to be configured as a temperature trans-
ducer.
5. Plastic DIP packaging provides machine insertability, while
SOIC packaging provides surface mount capability. TO-92
packaging offers a cost effective alternative to two-terminal
references, offering a complete solution in the same package
in which two-terminal references are usually found.


Similar Part No. - AD680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD680 AD-AD680 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680AN AD-AD680AN Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680AN AD-AD680AN Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680ANZ1 AD-AD680ANZ1 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680AR AD-AD680AR Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
More results

Similar Description - AD680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
Low Cost Precision Reference
logo
Analog Devices
REF43 AD-REF43_04 Datasheet
961Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
AD680 AD-AD680_05 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
REF43 AD-REF43_15 Datasheet
961Kb / 12P
2.5 V Low Power Precision Voltage Reference
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com