Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD680 Datasheet(PDF) 5 Page - Analog Devices

Part # AD680
Description  Low Power, Low Cost 2.5 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680 Datasheet(HTML) 5 Page - Analog Devices

  AD680 Datasheet HTML 1Page - Analog Devices AD680 Datasheet HTML 2Page - Analog Devices AD680 Datasheet HTML 3Page - Analog Devices AD680 Datasheet HTML 4Page - Analog Devices AD680 Datasheet HTML 5Page - Analog Devices AD680 Datasheet HTML 6Page - Analog Devices AD680 Datasheet HTML 7Page - Analog Devices AD680 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD680
REV. C
–5–
Figure 6 displays the characteristics of the AD680 output ampli-
fier driving a 0 mA to 10 mA load. Longer settling times will re-
sult if the reference is forced to sink any transient current.
In some applications, a varying load may be both resistive and
capacitive in nature, or the load may be connected to the
AD680 by a long capacitive cable.
AD680
+V
IN
V
OUT
249
Ω
V
L
0V
V
OUT
0.1
µF
V
OUT
Figure 6a. Transient Load Test Circuit
Figure 6b. Large-Scale Transient Response
Figure 6c. Fine Scale Settling for Transient Load
Figure 7 displays the output amplifier characteristics driving a
1000 pF, 0 mA to 10 mA load.
C
1000pF
L
249
Ω
V
L
0V
V
OUT
V
OUT
AD680
+V
IN
V
OUT
0.1
µF
Figure 7a. Capacitive Load Transient Response Test
Circuit
Figure 7b. Output Response with Capacitive Load
LOAD REGULATION
Figure 8 shows the load regulation characteristics of the AD680.
Figure 8. Typical Load Regulation Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com