Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD680 Datasheet(PDF) 3 Page - Analog Devices

Part # AD680
Description  Low Power, Low Cost 2.5 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680 Datasheet(HTML) 3 Page - Analog Devices

  AD680 Datasheet HTML 1Page - Analog Devices AD680 Datasheet HTML 2Page - Analog Devices AD680 Datasheet HTML 3Page - Analog Devices AD680 Datasheet HTML 4Page - Analog Devices AD680 Datasheet HTML 5Page - Analog Devices AD680 Datasheet HTML 6Page - Analog Devices AD680 Datasheet HTML 7Page - Analog Devices AD680 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD680
REV. C
–3–
THEORY OF OPERATION
Bandgap references are the high performance solution for low
supply voltage operation. A typical precision bandgap will con-
sist of a reference core and buffer amplifier. Based on a new,
patented bandgap reference design (Figure 2), the AD680
merges the amplifier and the core bandgap function to produce
a compact, complete precision reference. Central to the device
is a high gain amplifier with an intentionally large Proportional
To Absolute Temperature (PTAT) input offset. This offset is
controlled by the area ratio of the amplifier input pair, Q1 and
Q2, and is developed across resistor R1. Transistor Q12’s base
emitter voltage has a Complementary To Absolute Temperature
(CTAT) characteristic. Resistor R2 and the parallel combina-
tion of R3 and R4 “multiply” the PTAT voltage across R1.
Trimming resistors R3 and R4 to the proper ratio produces a
temperature invariant 2.5 V at the output. The result is an
accurate, stable output voltage accomplished with a minimum
number of components.
Q10
R5
TEMP
GND
Q6
Q2
Q9
Q3
Q1
Q8
Q4
Q5
Q11
R1
R2
R4
R3
Q7
C1
R6
R7
8x
1x
Q12
V
OUT
+VIN
Figure 2. AD680 Schematic Diagram
An additional feature with this approach is the ability to mini-
mize the noise while maintaining very low overall power
dissipation for the entire circuit. Frequently it is difficult to
independently control the dominant noise sources for bandgap
references: bandgap transistor noise and resistor thermal noise.
By properly choosing the operating currents of Q1 and Q2 and
separately sizing R1, low wideband noise is realized while main-
taining 1 mW typical power dissipation.
ABSOLUTE MAXIMUM RATINGS*
VIN to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Power Dissipation (25
°C) . . . . . . . . . . . . . . . . . . . . . . 500 mW
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . . 300
°C
Package Thermal Resistance
θ
JA (All Packages)
. . . . . . . . . . . . . . . . . . . . . . . . 120
°C/W
Output Protection: Output safe for indefinite short to ground
and momentary short to VIN.
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
8-Pin Plastic DIP
and
8-Pin SOIC Packages
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD680
TP*
+V
IN
TEMP
GND
TP*
TP*
VOUT
NC
NC = NO CONNECT
TP DENOTES FACTORY TEST POINT.
NO CONNECTIONS SHOULD BE MADE
TO THESE PINS.
*
TO-92 Package
3
2
1
+V
IN
V
OUT
GND
AD680
BOTTOM VIEW
(Not to Scale)
Figure 1. Connection Diagrams
ORDERING GUIDE
Initial
Temperature
Error
Coeff.
Temperature
Package
Package
Model
mV
ppm/
°C
Range
Description
Option*
AD680JN
10
25
0
°C to +70°C
Plastic
N-8
AD680JR
10
25
0
°C to +70°C
SOIC
SO-8
AD680JT
10
30
0
°C to +70°C
TO-92
TO-92
AD680AN
5
20
–40
°C to +85°C
Plastic
N-8
AD680AR
5
20
–40
°C to +85°C
SOIC
SO-8
*N = Plastic DIP Package; SO = SOIC Package; T = TO-92 Package.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com