Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD680 Datasheet(PDF) 2 Page - Analog Devices

Part # AD680
Description  Low Power, Low Cost 2.5 V Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680 Datasheet(HTML) 2 Page - Analog Devices

  AD680 Datasheet HTML 1Page - Analog Devices AD680 Datasheet HTML 2Page - Analog Devices AD680 Datasheet HTML 3Page - Analog Devices AD680 Datasheet HTML 4Page - Analog Devices AD680 Datasheet HTML 5Page - Analog Devices AD680 Datasheet HTML 6Page - Analog Devices AD680 Datasheet HTML 7Page - Analog Devices AD680 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD680–SPECIFICATIONS
AD680AN/AR
AD680JN/JR
AD680JT
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT VOLTAGE
2.495
2.505
2.490
2.510
2.490
2.510
V
OUTPUT VOLTAGE DRIFT
1
0
°C to +70°C
10
10
25
10
30
ppm/
°C
–40
°C to +85°C20
25
25
LINE REGULATION
4.5 V
≤ +V
IN
≤ 15 V
40
*
*
µV/V
(@ TMIN to TMAX)40
*
*
15 V
≤ +V
IN ≤ 36 V
40
*
*
(@ TMIN to TMAX)40
*
*
LOAD REGULATION
0 < IOUT < 10 mA
80
100
*
*
*
*
µV/mA
(@ TMIN to TMAX)
80
100
*
*
*
*
QUIESCENT CURRENT
195
250
**
*
*
µA
(@ TMIN to TMAX)
280
*
*
POWER DISSIPATION
1
1.25
**
*
*
mW
OUTPUT NOISE
0.1 Hz to 10 Hz
8
10
*
*
*
*
mV p-p
Spectral Density, 100 Hz
250
*
*
nV/
√Hz
CAPACITIVE LOAD
50
*
*
nF
LONG TERM STABILITY
25
*
*
ppm/1000 hr
SHORT CIRCUIT CURRENT
TO GROUND
25
50
*
*
*
*
mA
TEMPERATURE PIN
Voltage Output @ +25
°C
540
596
660
*
*
*
mV
Temperature Sensitivity
2
*
mV/
°C
Output Current
–5
+5
*
*
µA
Output Resistance
12
*
k
Ω
TEMPERATURE RANGE
Specified Performance
–40
+85
0
+70
0
+70
°C
Operating Performance
2
–40
+85
–40
+85
–40
+85
NOTES
1Maximum output voltage drift is guaranteed for all packages.
2The operating temperature range is defined as the temperature extremes at which the device will still function. Parts may deviate from their specified performance
outside their specified temperature range.
*Same as AD680AN/AR specification.
Specifications subject to change without notice.
Specifications in boldface are tested on all production units at final eleetrical test. Results from those tests are used to calculate out going quality levels. All min and
max specifications are guaranteed.
(TA = +25 C, VIN = +5 V, unless otherwise noted)
REV. C
–2–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com