Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831AP Datasheet (PDF) - Analog Devices

AD831AP Datasheet PDF - Analog Devices
Part # AD831AP
Download  AD831AP Download
File Size   225.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Mixer

AD831AP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD831AP Datasheet PDF - Analog Devices

Part # AD831AP
Download  AD831AP Click to download

File Size   225.17 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Distortion Mixer

AD831AP Datasheet (HTML) - Analog Devices


AD831AP Product details

PRODUCT DESCRIPTION

The AD831 is a low distortion, wide dynamic range, monolithic mixer for use in such applications as RF to IF downconversion in HF and VHF receivers, the second mixer in DMR base stations, direct-to-baseband conversion, quadrature modulation and demodulation, and doppler shift detection in ultrasound imaging applications. The mixer includes an LO driver and a low noise output amplifier and provides both user-programmable power consumption and third order intercept point.



FEATURES

Doubly Balanced Mixer

Low Distortion

  +24 dBm Third Order Intercept (IP3)

  +10 dBm 1 dB Compression Point

Low LO Drive Required: –10 dBm

Bandwidth

  500 MHz RF and LO Input Bandwidths

  250 MHz Differential Current IF Output

  DC to >200 MHz Single-Ended Voltage IF Output

Single- or Dual-Supply Operation

DC Coupled Using Dual Supplies

  All Ports May Be DC Coupled

  No Lower Frequency Limit—Operation to DC

User-Programmable Power Consumption



APPLICATIONS

High Performance RF/IF Mixer

Direct to Baseband Conversion

Image-Reject Mixers

I/Q Modulators and Demodulators




Similar Part No. - AD831AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD831APZ AD-AD831APZ Datasheet
436Kb / 16P
Low Distortion Mixer
REV. C
More results


Similar Description - AD831AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA22039 HITACHI-HA22039 Datasheet
47Kb / 12P
GaAs IC Low Distortion Mixer for Micro Wave Application
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
LOW INTERMODULATION DISTORTION
logo
Intersil Corporation
HFA1110883 INTERSIL-HFA1110883 Datasheet
104Kb / 13P
750MHz, Low Distortion 750MHz, Low Distortion
November 1998
logo
Analog Devices
AD831APZ AD-AD831APZ Datasheet
436Kb / 16P
Low Distortion Mixer
REV. C
logo
IK Semicon Co., Ltd
KL2822M IKSEMICON-KL2822M Datasheet
300Kb / 10P
Low Crossover Distortion
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309 Datasheet
1,007Kb / 9P
Low distortion
logo
M/A-COM Technology Solu...
MAAL-011136 MA-COM-MAAL-011136 Datasheet
1Mb / 9P
Low Distortion Performance
MAAM-011162 MA-COM-MAAM-011162 Datasheet
1Mb / 10P
Low Distortion Performance
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
Low Distortion Performance
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
Low Distortion Performance
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com