Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831AP Datasheet(PDF) 6 Page - Analog Devices

Part # AD831AP
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831AP Datasheet(HTML) 6 Page - Analog Devices

Back Button AD831AP Datasheet HTML 2Page - Analog Devices AD831AP Datasheet HTML 3Page - Analog Devices AD831AP Datasheet HTML 4Page - Analog Devices AD831AP Datasheet HTML 5Page - Analog Devices AD831AP Datasheet HTML 6Page - Analog Devices AD831AP Datasheet HTML 7Page - Analog Devices AD831AP Datasheet HTML 8Page - Analog Devices AD831AP Datasheet HTML 9Page - Analog Devices AD831AP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
–6–
REV. B
AD831–Typical Characteristics
FREQUENCY – MHz
30
25
15
0
500
50
100
150
200
250
300
350
400
450
20
LO LEVEL = –10dBm
IF = 10.7MHz
∆f = 20kHz
VS = 8V
VS = 9V
Figure 13. Input Third Order Intercept, 9 V Single Supply
FREQUENCY – MHz
62.4
61.4
60.8
0
500
50
100
150
200
250
300
350
400
450
62.2
61.6
61.2
61.0
62.0
61.8
60.2
60.6
60.4
LO LEVEL = –10dBm
IF = 10.7MHz
∆f = 20kHz
VS = 8V
VS = 9V
Figure 14. Input Second Order Intercept,
9 V Single Supply
FREQUENCY – MHz
1200
1000
0
50
250
100
150
200
800
600
400
200
4.0
3.5
3.0
2.5
2.0
INPUT RESISTANCE
INPUT CAPACITANCE
Figure 15. Input Impedance vs. Frequency, ZIN = R C
FREQUENCY – MHz
18
16
8
50
250
100
150
200
15
13
11
9
17
14
12
10
Figure 16. Noise Figure vs. Frequency,
Matched Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com