Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831AP Datasheet(PDF) 2 Page - Analog Devices

Part # AD831AP
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831AP Datasheet(HTML) 2 Page - Analog Devices

  AD831AP Datasheet HTML 1Page - Analog Devices AD831AP Datasheet HTML 2Page - Analog Devices AD831AP Datasheet HTML 3Page - Analog Devices AD831AP Datasheet HTML 4Page - Analog Devices AD831AP Datasheet HTML 5Page - Analog Devices AD831AP Datasheet HTML 6Page - Analog Devices AD831AP Datasheet HTML 7Page - Analog Devices AD831AP Datasheet HTML 8Page - Analog Devices AD831AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD831–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Units
RF INPUT
Bandwidth
–10 dBm Signal Level, IP3
≥ +20 dBm
400
MHz
10.7 MHz IF and High Side Injection
See Figure 1
1 dB Compression Point
10
dBm
Common-Mode Range
±1V
Bias Current
DC Coupled
160
500
µA
DC Input Resistance
Differential or Common Mode
1.3
k
Ω
Capacitance
2pF
IF OUTPUT
Bandwidth
Single-Ended Voltage Output, –3 dB
Level = 0 dBm, RL = 100 Ω
200
MHz
Conversion Gain
Terminals OUT and VFB Connected
0
dB
Output Offset Voltage
DC Measurement; LO Input Switched
±1
–40
15
+40
mV
Slew Rate
300
V/
µs
Output Voltage Swing
RL = 100
Ω, Unity Gain
±1.4
V
Short Circuit Current
75
mA
LO INPUT
Bandwidth
–10 dBm Input Signal Level
400
MHz
10.7 MHz IF and High Side Injection
Maximum Input Level
–1
+1
V
Common-Mode Range
–1
+1
V
Minimum Switching Level
Differential Input Signal
200
mV p-p
Bias Current
DC Coupled
17
50
µA
Resistance
Differential or Common Mode
500
Ω
Capacitance
2pF
ISOLATION BETWEEN PORTS
LO to RF
LO = 100 MHz, RS = 50
Ω, 10.7 MHz IF
70
dB
LO to IF
LO = 100 MHz, RS = 50
Ω, 10.7 MHz IF
30
dB
RF to IF
RF = 100 MHz, RS = 50 Ω, 10.7 MHz IF
45
dB
DISTORTION AND NOISE
LO = –10 dBm, f = 100 MHz, IF = 10.7 MHz
3rd Order Intercept
Output Referred,
±100 mV LO Input
24
dBm
2rd Order Intercept
Output Referred,
±100 mV LO Input
62
dBm
1 dB Compression Point
RL = 100
Ω, R
BIAS =
∞
10
dBm
Noise Figure, SSB
Matched Input, RF = 70 MHz, IF = 10.7 MHz
10.3
dB
Matched Input, RF = 150 MHz, IF = 10.7 MHz
14
dB
POWER SUPPLIES
Recommended Supply Range
Dual Supply
±4.5
±5.5
V
Single Supply
9
11
V
Quiescent Current
1
For Best 3rd Order Intercept Point Performance
100
125
mA
BIAS Pin Open Circuited
NOTES
1Quiescent current is programmable.
Specifications subject to change without notice.
REV. B
–2–
(TA = +25 C and
VS =
5 V unless otherwise noted;
all values in dBm assume 50
load.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com