Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831AP Datasheet(PDF) 3 Page - Analog Devices

Part # AD831AP
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831AP Datasheet(HTML) 3 Page - Analog Devices

  AD831AP Datasheet HTML 1Page - Analog Devices AD831AP Datasheet HTML 2Page - Analog Devices AD831AP Datasheet HTML 3Page - Analog Devices AD831AP Datasheet HTML 4Page - Analog Devices AD831AP Datasheet HTML 5Page - Analog Devices AD831AP Datasheet HTML 6Page - Analog Devices AD831AP Datasheet HTML 7Page - Analog Devices AD831AP Datasheet HTML 8Page - Analog Devices AD831AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD831
REV. B
–3–
PIN CONFIGURATION
20-Lead PLCC
PIN DESCRIPTION
Pin
Mnemonic
Description
1
VP
Positive Supply Input
2
IFN
Mixer Current Output
3
AN
Amplifier Negative Input
4
GND
Ground
5
VN
Negative Supply Input
6
RFP
RF Input
7
RFN
RF Input
8
VN
Negative Supply Input
9
VP
Positive Supply Input
10
LON
Local Oscillator Input
11
LOP
Local Oscillator Input
12
VP
Positive Supply Input
13
GND
Ground
14
BIAS
Bias Input
15
VN
Negative Supply Input
16
OUT
Amplifier Output
17
VFB
Amplifier Feedback Input
18
COM
Amplifier Output Common
19
AP
Amplifier Positive Input
20
IFP
Mixer Current Output
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD831 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
±V
S
. . . . . . . . . . . . . . . . . . . . . . . . . .
±5.5 V
Input Voltages
RFHI, RFLO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±3 V
LOHI, LOLO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . 1200 mW
Operating Temperature Range
AD831A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Thermal Characteristics:
20-Pin PLCC Package:
θ
JA = 110°C/Watt; θJC = 20°C/Watt.
Note that the
θ
JA = 110°C/W value is for the package measured while suspended
in still air; mounted on a PC board, the typical value is
θ
JA = 90°C/W due to the
conduction provided by the AD83
1’s package being in contact with the board,
which serves as a heat sink.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD831AP
–40
°C to +85°C 20-Lead PLCC
P-20A
GND
VN
VN
RFP
RFN
COM
VFB
BIAS
OUT
VN
19
31
2
20
4
5
8
6
7
12 13
9
11
10
18
17
14
16
15
TOP VIEW
(Not to Scale)
AD831



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com