Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831AP Datasheet(PDF) 9 Page - Analog Devices

Part # AD831AP
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831AP Datasheet(HTML) 9 Page - Analog Devices

Back Button AD831AP Datasheet HTML 5Page - Analog Devices AD831AP Datasheet HTML 6Page - Analog Devices AD831AP Datasheet HTML 7Page - Analog Devices AD831AP Datasheet HTML 8Page - Analog Devices AD831AP Datasheet HTML 9Page - Analog Devices AD831AP Datasheet HTML 10Page - Analog Devices AD831AP Datasheet HTML 11Page - Analog Devices AD831AP Datasheet HTML 12Page - Analog Devices AD831AP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD831
REV. B
–9–
For gains other than unity, the amplifier’s output at OUT is
connected via an attenuator network to VFB; this determines
the overall gain. Using resistors R1 and R2 (Figure 22), the gain
setting expression is
GdB = 20 log10
R1
+ R2
R2


Equation 2
R2
R1
IF
OUTPUT
IFN
VP
IFP
AP
GND
VN
RFP
RFN
VN
VP
LON
LOP
VP
GND
BIAS
VN
AD831
Top View
50
Ω
50
Ω
6
7
8
4
5
9
10
11
12
13
AN
VFB
COM
OUT
14
15
16
17
18
1
2
3
19
20
Figure 22. Output Amplifier Feedback Connections for
Increasing Gain
Driving Filters
The output amplifier can be used for driving reverse-terminated
loads. When driving an IF bandpass filter (BPF), for example,
proper attention must be paid to providing the optimal source
and load terminations so as to achieve the specified filter re-
sponse. The AD831’s wideband highly linear output amplifier
affords an opportunity to increase the RF-to-IF gain to compen-
sate for a filter’s insertion and termination losses.
Figure 23 indicates how the output amplifier’s low impedance
(voltage source) output can drive a doubly-terminated bandpass
filter. The typical 10 dB of loss (4 dB of insertion loss and 6 dB
due to the reverse-termination) be made up by the inclusion of a
feedback network that increases the gain of the amplifier by
10 dB (
×3.162). When constructing a feedback circuit, the sig-
nal path between OUT and VFB should be as short as possible.
R2
51.1
Ω
R1
110
Ω
IF
OUTPUT
IFN
VP
IFP
AP
GND
VN
RFP
RFN
VN
VP
LON
LOP
VP
GND
BIAS
VN
AD831
Top View
50
Ω
50
Ω
6
7
8
4
5
9
10
11
12
13
AN
VFB
COM
OUT
14
15
16
17
18
1
2
3
19
20
RT
BPF
RT
Figure 23. Connections for Driving a Doubly-Terminated
Bandpass Filter
Higher gains can be achieved, using different resistor ratios, but
with concomitant reduction in the bandwidth of this amplifier
(Figure 24). Note also that the Johnson noise of these gain-set-
ting resistors, as well as that of the BPF terminating resistors, is
ultimately reflected back to the mixer’s input; thus they should
be as small as possible, consistent with the permissible loading
on the amplifier’s output.
FREQUENCY – MHz
12
10
0
10
1000
100
8
6
4
2
G = 1
G = 2
G = 4
Figure 24. Output Amplifier 1 dB Compression Point for
Gains of 1, 2, and 4 (Gains of 0 dB, 6 dB, and 12 dB,
Respectively)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com