Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831AP Datasheet(PDF) 10 Page - Analog Devices

Part # AD831AP
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831AP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD831AP Datasheet HTML 6Page - Analog Devices AD831AP Datasheet HTML 7Page - Analog Devices AD831AP Datasheet HTML 8Page - Analog Devices AD831AP Datasheet HTML 9Page - Analog Devices AD831AP Datasheet HTML 10Page - Analog Devices AD831AP Datasheet HTML 11Page - Analog Devices AD831AP Datasheet HTML 12Page - Analog Devices AD831AP Datasheet HTML 13Page - Analog Devices AD831AP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD831
REV. B
–10–
The RF input to the AD831 is shown connected by an imped-
ance matching network for an assumed source impedance of
50
Ω. Figure 15 shows the input impedance of the AD831 plot-
ted vs. frequency. The input circuit can be modeled as a resis-
tance in parallel with a capacitance. The 82 pF capacitors (CF)
connected from IFN and IFP to VP provide a low-pass filter
with a cutoff frequency of approximately 140 MHz in down-
conversion applications (see the Theory of Operation section of
this data sheet for more details). The LO input is connected
single-ended because the limiting amplifier provides a symmet-
ric drive to the mixer. To minimize intermodulation distortion,
connect pins OUT and VFB by the shortest possible path. The
connections shown are for unity-gain operation.
At LO frequencies less than 100 MHz, the AD831’s LO power
may be as low as –20 dBm for satisfactory operation. Above
100 MHz, the specified LO power of –10 dBm must be used.
51.1
Ω
110
Ω
IF
OUTPUT
RT
BPF
RT
NC
–5V
0.1µF
0.1µF
+5V
51.1
Ω
0.1µF
+5V
–5V
0.1µF
–5V
0.1µF
C2
L1
C1
RF
INPUT
CF
82pF
CF
82pF
0.1µF
+5V
IFN
VP
IFP
AP
GND
VN
RFP
RFN
VN
VP
LON
LOP
VP
GND
BIAS
VN
AD831
Top View
50
Ω
50
Ω
6
7
8
4
5
9
10
11
12
13
AN
VFB
COM
OUT
14
15
16
17
18
1
2
3
19
20
LO INPUT
–10 dBm
Figure 25. Connections for
±5 V Dual-Supply Operation Showing Impedance
Matching Network and Gain of 2 for Driving Reverse-Terminated IF Filter
APPLICATIONS
Careful component selection, circuit layout, power supply
decoupling, and shielding are needed to minimize the AD831’s
susceptibility to interference from radio and TV stations, etc. In
bench evaluation, we recommend placing all of the components
in a shielded box and using feedthrough decoupling networks
for the supply voltage.
Circuit layout and construction are also critical, since stray ca-
pacitances and lead inductances can form resonant circuits and
are a potential source of circuit peaking, oscillation, or both.
Dual-Supply Operation
Figure 25 shows the connections for dual supply operation.
Supplies may be as low as
±4.5 V but should be no higher than
±5.5 V due to power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com