Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD831AP Datasheet(PDF) 12 Page - Analog Devices

Part # AD831AP
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831AP Datasheet(HTML) 12 Page - Analog Devices

Back Button AD831AP Datasheet HTML 8Page - Analog Devices AD831AP Datasheet HTML 9Page - Analog Devices AD831AP Datasheet HTML 10Page - Analog Devices AD831AP Datasheet HTML 11Page - Analog Devices AD831AP Datasheet HTML 12Page - Analog Devices AD831AP Datasheet HTML 13Page - Analog Devices AD831AP Datasheet HTML 14Page - Analog Devices AD831AP Datasheet HTML 15Page - Analog Devices AD831AP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD831
REV. B
–12–
Connections Quadrature Demodulation
Two AD831 mixers may have their RF inputs connected in par-
allel and have their LO inputs driven in phase quadrature (Fig-
ure 27) to provide demodulated in-phase (I) and quadrature
(Q) outputs. The mixers’ inputs may be connected in parallel
and a single termination resistor used if the mixers are located in
close proximity on the PC board.
DEMODULATED
QUADRATURE
OUTPUT
NC
–5V
0.1µF
0.1µF
+5V
51.1
Ω
0.1µF
+5V
–5V
0.1µF
–5V
0.1µF
IF
INPUT
CF
CF
0.1µF
+5V
IFN
VP
IFP
AP
GND
VN
RFP
RFN
VN
VP
LON
LOP
VP
GND
BIAS
VN
AD831
Top View
50
Ω
50
Ω
6
7
8
4
5
9
10
11
12
13
AN
VFB
COM
OUT
14
15
16
17
18
1
2
3
19
20
LO INPUT
AT 90
°
–10 dBm
DEMODULATED
IN-PHASE
OUTPUT
NC
–5V
0.1µF
0.1µF
+5V
51.1
Ω
0.1µF
+5V
–5V
0.1µF
–5V
0.1µF
CF
CF
0.1µF
+5V
LO INPUT
AT 0
°
–10 dBm
51.1
Ω
IFN
VP
IFP
AP
GND
VN
RFP
RFN
VN
VP
LON
LOP
VP
GND
BIAS
VN
AD831
Top View
50
Ω
50
Ω
6
7
8
4
5
9
10
11
12
13
AN
VFB
COM
OUT
14
15
16
17
18
1
2
3
19
20
Figure 27. Connections for Quadrature Demodulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com