Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet (PDF) - Analog Devices

ADMCF340 Datasheet PDF - Analog Devices
Part # ADMCF340
Download  ADMCF340 Download
File Size   415.83 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End

ADMCF340 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMCF340 Datasheet PDF - Analog Devices

Part # ADMCF340
Download  ADMCF340 Click to download

File Size   415.83 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End

ADMCF340 Datasheet (HTML) - Analog Devices


ADMCF340 Product details

TARGET APPLICATIONS
Refrigerator and Air Conditioner Compressors, Washing Machines Industrial Variable Speed Drives, HVAC

MOTOR TYPES
Permanent Magnet Synchronous Motors (PMSM), Brushless DC Motors (BDCM), AC Induction Motors (ACIM), Switched Reluctance Motors (SRM)

FEATURES
20 MHz Fixed-Point DSP Core
   Single Cycle Instruction Execution (50 ns)
   ADSP-21xx Family Code Compatibility
   Independent Computational Units
      ALU
      Multiplier/Accumulator
      Barrel Shifter
   Multifunction Instructions
   Single Cycle Context Switch
   Powerful Program Sequencer
     Zero Overhead Looping
     Conditional Instruction Execution
   Two Independent Data Address Generators
Memory Configuration
   512 x 16-Bit Data Memory RAM
   512 x 24-Bit Program Memory RAM
   4K  x 24-Bit Program Memory ROM
   4K  x 24-Bit Total Program FLASH Memory
Three Independent FLASH Memory Sectors
   3584 x 24-Bit, 256 x 24-Bit, 256 x 24-Bit
Low Cost Pin-Compatible ROM Option
16-Bit Watchdog Timer
Programmable 16-Bit Internal Timer with Prescaler
Two Double Buffered Serial Ports with SPI Mode Support
Integrated Power On Reset Function
Three Phase 16-Bit PWM Generation Unit
   16-Bit Center-Based PWM Generator
   Programmable PWM Pulsewidth
   Edge Resolution of 50 ns
   Programmable Narrow Pulse Deletion
   153 Hz Minimum Switching Frequency
   Double/Single Update Mode Control
   Individual Enable and Disable for Each PWM Output
   High Frequency Chopping Mode for Transformer-Coupled Gate Drives




Similar Part No. - ADMCF340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF340 AD-ADMCF340_15 Datasheet
430Kb / 40P
64-Lead Flash and ROM Memory
REV. A
More results


Similar Description - ADMCF340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF341 AD-ADMCF341 Datasheet
1Mb / 36P
DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV.0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV. 0
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
logo
Texas Instruments
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com