Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet (PDF) - Analog Devices

ADMCF341 Datasheet PDF - Analog Devices
Part # ADMCF341
Download  ADMCF341 Download
File Size   1106.41 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End

ADMCF341 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMCF341 Datasheet PDF - Analog Devices

Part # ADMCF341
Download  ADMCF341 Click to download

File Size   1106.41 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End

ADMCF341 Datasheet (HTML) - Analog Devices


ADMCF341 Product details

GENERAL DESCRIPTION
The ADMC(F)341 is a low cost, single-chip, DSP-based controller suitable for permanent magnet synchronous motors, ac induction motors, and brushless dc motors. The ADMC(F)341 integrates a 20 MHz, fixed-point DSP core with a complete set of motor control and system peripherals that permits fast, efficient development of motor controllers.

FEATURES
   20 MHz Fixed-Point DSP Core
      Single-Cycle Instruction Execution (50 ns)
      ADSP-21xx Family Code Compatibility
      Independent Computational Units
         ALU, Multiplier/Accumulator, Barrel Shifter
      Multifunction Instructions
      Single-Cycle Context Switch
      Powerful Program Sequencer
         Zero Overhead Looping
         Conditional Instruction Execution
      2 Independent Data Address Generators
   Memory Configuration
      512 x 16-Bit Data Memory RAM
      512 x 24-Bit Program Memory RAM
      4K x 24-Bit Program Memory ROM
      4K x 24-Bit Program Flash Memory (ADMCF341 Only)
   3 Independent Flash Memory Sectors
      3584 x 24-Bit, 256 x 24-Bit, 256 x 24-Bit
   Low Cost, Pin Compatible ROM Option
   16-Bit Watchdog Timer
   Programmable 16-Bit Internal Timer with Prescaler
   2 Double-Buffered Serial Ports with SPI Mode Support
   Integrated Power-On Reset Function
   3-Phase 16-Bit PWM Generation Unit:
      16-Bit Center-Based PWM Generator
      Programmable PWM Pulsewidth
      Edge Resolution to 50 ns
      153 Hz Minimum Switching Frequency
      Double/Single Duty Cycle Update Mode Control
      Individual Enable and Disable for Each PWM Output
      High Frequency Chopping Mode for Transformer
         Coupled Gate Drives
      External PWMTRIP Pin
   Integrated 6-Channel ADC Subsystem
      3 Bipolar ISENSE Inputs with Programmable
         Sample-and-Hold Amplifier and Overcurrent
         Protection (Usable as 3 Dedicated Analog Inputs)
   Muxed Auxiliary Analog Inputs
      Internal Voltage Reference (2.5 V)
      Acquisition Synchronized to PWM Switching
         Frequency
   9-Pin Digital I/O Port
      Bit Configurable as Input or Output
      Change of State Interrupt Support
   2 16-Bit Auxiliary PWM Timers
      Synthesized Analog Output
      Programmable Frequency
      0% to 100% Duty Cycle
   2 Programmable Operational Modes
      Independent Mode/Offset Mode
   Motor Types
      Permanent Magnet Synchronous Motors (PMSM)
      Brushless DC Motors (BDCM)
      AC Induction Motors (ACIM)

APPLICATIONS
   Refrigerator and Air Conditioner Compressors
   Washing Machines
   Industrial Variable Speed Drives
   HVAC




Similar Part No. - ADMCF341

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
More results


Similar Description - ADMCF341

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF340 AD-ADMCF340 Datasheet
415Kb / 40P
DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV.0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV. 0
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
logo
Texas Instruments
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com