Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 7 Page - Analog Devices

Part # ADMCF341
Description  DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMCF341 Datasheet HTML 3Page - Analog Devices ADMCF341 Datasheet HTML 4Page - Analog Devices ADMCF341 Datasheet HTML 5Page - Analog Devices ADMCF341 Datasheet HTML 6Page - Analog Devices ADMCF341 Datasheet HTML 7Page - Analog Devices ADMCF341 Datasheet HTML 8Page - Analog Devices ADMCF341 Datasheet HTML 9Page - Analog Devices ADMCF341 Datasheet HTML 10Page - Analog Devices ADMCF341 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
REV. 0
ADMCF341
–7–
GENERAL DESCRIPTION
The ADMCF341 is a low-cost, single-chip DSP-based control-
ler, suitable for permanent magnet synchronous motors, ac
induction motors, and brushless dc motors. The ADMCF341
integrates a 20 MHz, fixed-point DSP core with a complete set
of motor control and system peripherals that permits fast,
efficient development of motor controllers.
The DSP core of the ADMCF341 is completely code-compatible
with the ADSP-21xx DSP family and combines three computa-
tional units, data address generators, and a program sequencer.
The computational units are an ALU, a multiplier/accumulator
(MAC), and a barrel shifter. There are special instructions for
bit manipulation, multiplication (
squared), biased rounding,
and global interrupt masking. The system peripherals are the
power-on reset circuit (POR), the watchdog timer, and two
synchronous serial ports. The serial ports are configurable and
double buffered, with hardware support for UART, SCI, and
SPI port emulation. The ADMCF341 provides 512
24-bit
program memory RAM, 4K
24-bit program memory ROM,
4K
24-bit program FLASH memory, and 512
16-bit data
memory RAM. The user code can be stored and executed from
the flash memory. The program and data memory RAM can be
used for dynamic data storage or can be loaded through the
serial port from an external device as in other ADMCxxx family
parts. The program memory ROM contains a monitor function
as well as useful routines for erasing, programming, and verifying
the flash memory.
The motor control peripherals of the ADMCF341 provide a
12-bit analog data acquisition system with six analog input
channels with three dedicated ISENSE inputs (combining internal
amplification, sampling, and overcurrent PWM shutdown
features) and an internal voltage reference. In addition, a three-
phase, 16-bit, center-based PWM generation unit can be used
to produce high accuracy PWM signals with minimal processor
overhead. The ADMCF341 also contains two 16-bit auxiliary
PWM timer outputs and nine lines of digital I/O.
Because the ADMCF341 has a limited number of pins, functions
such as the auxiliary PWM timers and the serial communication
ports are multiplexed with the nine programmable digital input/
output (PIO) pins. The pin functions can be independently
selected to allow maximum flexibility for different applications.
DSP CORE ARCHITECTURE OVERVIEW
Figure 3 is an overall block diagram of the DSP core of the
ADMCF341. The flexible architecture and comprehensive
instruction set allow the processor to perform multiple opera-
tions in parallel. In one processor cycle (50 ns with a 10 MHz
CLKIN) the DSP core can:
∑ Generate the next program address
∑ Fetch the next instruction
∑ Perform one or two data moves
∑ Update one or two data address pointers
∑ Perform a computational operation
This all takes place while the processor continues to:
∑ Receive and transmit through the serial ports
∑ Decrement the interval timer
∑ Generate three-phase PWM waveforms for a power inverter
∑ Generate two signals using the 16-bit auxiliary PWM timers
∑ Acquire four analog signals
∑ Decrement the watchdog timer
PM ROM
4K
24
PM RAM
512
24
BUS
EXCHANGE
COMPANDING
CIRCUITRY
DATA
ADDRESS
GENERATOR
#2
DATA
ADDRESS
GENERATOR
#1
14
14
24
16
6
DM RAM
512
16
R BUS
16
DMA BUS
PMA BUS
DMD BUS
PMD BUS
INSTRUCTION
REGISTER
INPUT REGS
OUTPUT REGS
SHIFTER
CONTROL
LOGIC
SERIAL
PORT
RECEIVE REG
TRANSMIT REG
TIMER
INPUT REGS
OUTPUT REGS
MAC
INPUT REGS
OUTPUT REGS
ALU
PROGRAM
SEQUENCER
FLASH
PROGRAM
MEMORY
4K
24
Figure 3. DSP Core Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com