Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 2 Page - Analog Devices

Part # ADMCF341
Description  DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 2 Page - Analog Devices

  ADMCF341 Datasheet HTML 1Page - Analog Devices ADMCF341 Datasheet HTML 2Page - Analog Devices ADMCF341 Datasheet HTML 3Page - Analog Devices ADMCF341 Datasheet HTML 4Page - Analog Devices ADMCF341 Datasheet HTML 5Page - Analog Devices ADMCF341 Datasheet HTML 6Page - Analog Devices ADMCF341 Datasheet HTML 7Page - Analog Devices ADMCF341 Datasheet HTML 8Page - Analog Devices ADMCF341 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
REV. 0
–2–
ADMCF341–SPECIFICATIONS
ANALOG-TO-DIGITAL CONVERTER
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Signal Input
0.3
3.5
V
VAUX0, VAUX1, VAUX2
Resolution
1
12
Bits
Linearity Error
2
3
4
Bits
Zero Offset
3
–32
0
+7
mV
Comparator Delay
600
ns
ADC High Level Input Current
2
+10
mAVIN = 3.5 V
ADC Low Level Input Current
2
–10
mAVIN = 0.0 V
NOTES
1Resolution varies with PWM switching frequency (double update mode) 78.1 kHz = 8 bits, 4.9 kHz = 12 bits.
22.44KHz sample frequency, VAUX0, VAUX1, VAUX2.
3Extrapolated point outside of operating range. 2.44KHz sample frequency.
Specifications subject to change without notice.
ISENSE AMPLIFIER–TRIP
Parameter
Min
Typ
Max
Unit
Conditions/Comments
ISENSE Signal Operating Range
–400
+400
mV
ISENSE Signal Input Range
–800
+800
mV
ISENSE Gain
–2.6
–2.51
–2.34
%
VIN = –400 mV to +400 mV
ISENSE Gain Channel Matching
5.5
%
VIN = –400 mV to +400 mV
ISENSE Gain Stability
1
0.8
%
VIN = –400 mV to +400 mV
ISENSE Linearity
2
89
Bits
ISENSE Internal Offset Voltage
2
1.68
1.87
2.1
V
ISENSE Internal Offset Stability
2
2.1
%
ISENSE Signal-to-Noise Ratio (SNRD)
3
51
dB
ISENSE Signal-to-Noise Ratio Less Distortion
54
dB
(SNR)3
–40
dB
ISENSE Total Harmonic Distortion
3
–53
dB
ISENSE Input Current
–130
+10
mAVIN = –400 mV to +400 mV
ISENSE Input Resistance
11.5
k
W
TRIP Threshold Low
–690
–430
mV
TRIP Threshold High
+430
+690
mV
TRIP Minimum Pulsewidth4
5
ms
NOTES
1Variation of gain with V
DD and temperature.
2V
IN = –400 mV to +400 mV.
3f
IN = 1 kHz sine wave, VIN = –400 mV to +400 mV, fS = 4 kHz.
4High or low trip threshold.
CURRENT SOURCE1
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Programming Resolution
3
Bits
Tuned Current
2
91
100
109
mA
NOTES
1For ADC calibration.
20.3 V to 3.5 V I
CONST voltage.
(VDD = 5%, GND = 0 V. TA = –40 C to +85 C. CLKIN = 10 MHz, unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com