Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMCF341
Description  DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMCF341 Datasheet HTML 4Page - Analog Devices ADMCF341 Datasheet HTML 5Page - Analog Devices ADMCF341 Datasheet HTML 6Page - Analog Devices ADMCF341 Datasheet HTML 7Page - Analog Devices ADMCF341 Datasheet HTML 8Page - Analog Devices ADMCF341 Datasheet HTML 9Page - Analog Devices ADMCF341 Datasheet HTML 10Page - Analog Devices ADMCF341 Datasheet HTML 11Page - Analog Devices ADMCF341 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
REV. 0
–8–
ADMCF341
The processor contains three independent computational units:
the arithmetic and logic unit (ALU), the multiplier/accumulator
(MAC), and the shifter. The computational units process 16-bit
data directly and have provisions to support multiprecision
computations. The ALU performs a standard set of arithmetic
and logic operations as well as provides support for division
primitives. The MAC performs single-cycle multiply, multiply/add,
and multiply/subtract operations with 40 bits of accumulation.
The shifter performs logical and arithmetic shifts, normalization,
denormalization, and derive-exponent operations. The shifter
can be used to efficiently implement numeric format control,
including floating-point representations. The internal result (R)
bus directly connects the computational units so that the output
of any unit may be the input of any unit on the next cycle.
A powerful program sequencer and two dedicated data address
generators ensure efficient delivery of operands to these compu-
tational units. The sequencer supports conditional jumps and
subroutine calls and returns in a single cycle. With internal loop
counters and loop stacks, the ADMCF341 executes looped code
with zero overhead; no explicit jump instructions are required to
maintain the loop.
Two data address generators (DAGs) provide addresses for
simultaneous dual operand fetches from data memory and pro-
gram memory. Each DAG maintains and updates four address
pointers (I registers). Whenever the pointer is used to access
data (indirect addressing), it is post-modified by the value in
one of four modifications (M registers). A length value may be
associated with each pointer (L registers) to implement auto-
matic modulo addressing for circular buffers. The circular
buffering feature is also used by the serial ports for automatic
data transfers to and from on-chip memory. DAG1 generates
only data memory addresses and provides an optional bit-reversal
capability. DAG2 may generate either program or data memory
addresses but has no bit-reversal capability. Efficient data trans-
fer is achieved with the use of five internal buses:
∑ Program memory address (PMA) bus
∑ Program memory data (PMD) bus
∑ Data memory address (DMA) bus
∑ Data memory data (DMD) bus
∑ Result (R) bus
Program memory can store both instructions and data, permit-
ting the ADMCF341 to fetch two operands in a single cycle—
one from program memory and one from data memory. The
ADMCF341 can fetch an operand from on-chip program
memory and the next instruction in the same cycle. The
ADMCF341 writes data from its 16-bit registers to the 24-bit
program memory using the PX register to provide the lower 8
bits. When it reads data (not instructions) from 24-bit program
memory to a 16-bit data register, the lower 8 bits are placed in
the PX register.
The ADMCF341 can respond to a number of distinct DSP
core and peripheral interrupts. The DSP interrupts comprise a
serial port receive interrupt, a serial port transmit interrupt, a
timer interrupt, and two software interrupts. Additionally, the
motor control peripherals include two PWM interrupts and a
PIO interrupt.
Serial port 0 (SPORT0) provides a complete synchronous serial
interface with optional companding in hardware and a wide
variety of framed and unframed data transmit and receive
modes of operation. Serial port 1 (SPORT1) is available with a
limited number of I/Os. It is mainly intended for codebooting to
serial ROMs (SROM) and support of the debugging tools.
SPORT0 and SPORT1 can generate an internal programmable
serial clock or accept an external serial clock.
A programmable interval counter is also included in the DSP
core and can be used to generate periodic interrupts. A 16-bit
count register (TCOUNT) is decremented every n processor
cycles, where n – 1 is a scaling value stored in the 8-bit TSCALE
register. When the value of the counter reaches zero, an inter-
rupt is generated, and the count register is reloaded from a
16-bit period register (TPERIOD).
The ADMCF341 instruction set provides flexible data moves
and multifunction (one or two data moves with a computation)
instructions. Each instruction is executed in a single 50 ns
processor cycle (for a 10 MHz CLKIN). The ADMCF341
assembly language uses an algebraic syntax for ease of coding
and readability. A comprehensive set of development tools
supports program development. For further information on the
DSP core, refer to the ADSP-2100 Family User’s Manual, Third
Edition, with particular reference to the ADSP-2171.
SERIAL PORTS
The ADMCF341 incorporates two complete synchronous serial
ports (SPORT1 and SPORT0) for serial communication and
multiprocessor communication.
Following is a brief list of capabilities of the ADMCF341
SPORTs. Refer to the ADSP-2100 Family User’s Manual, Third
Edition, for further details.
∑ SPORTs are bidirectional and have a separate, double-buff-
ered transmit and receive section.
∑ SPORTs use an external serial clock or generate their own
serial clock internally.
∑ SPORTs have independent framing for the receive and
transmit sections. Sections run in a frameless mode or with
frame synchronization signals internally or externally gener-
ated. Frame synchronization signals are active high or
inverted, with either of two pulsewidths and timings.
∑ SPORTs support serial data word lengths from 3 bits to
16 bits and provides optional A-law and
m-law companding
according to ITU (formerly CCITT) recommendation
G.711.
∑ SPORT receive and transmit sections can generate unique
interrupts on completing a data word transfer.
∑ SPORTs can receive and transmit an entire circular buffer
of data with only one overhead cycle per data word. An
interrupt is generated after a data buffer transfer.
∑ SPORT0 has a multichannel interface to selectively receive
and transmit a 24-word, or 32-word, timedivision multi-
plexed, serial bitstream.
∑ SPORT0 can be configured as an SPI port (master mode
only). The clock phase and polarity are programmable
through the MODECTRL register.
∑ SPORT1 is the default port for program/data memory boot
loading and for development tools interface. The DT1/FL1
pin can be configured as SROM/E
2PROM reset signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com