Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMCF341
Description  DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMCF341 Datasheet HTML 2Page - Analog Devices ADMCF341 Datasheet HTML 3Page - Analog Devices ADMCF341 Datasheet HTML 4Page - Analog Devices ADMCF341 Datasheet HTML 5Page - Analog Devices ADMCF341 Datasheet HTML 6Page - Analog Devices ADMCF341 Datasheet HTML 7Page - Analog Devices ADMCF341 Datasheet HTML 8Page - Analog Devices ADMCF341 Datasheet HTML 9Page - Analog Devices ADMCF341 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
REV. 0
–6–
ADMCF341
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADMCF341 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Supply Voltage (AVDD) . . . . . . . . . . . . . . . . . –0.3 V to +7.0 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD +0.3 V
Output Voltage Swing . . . . . . . . . . . . . . –0.3 V to VDD +0.3 V
Operating Temperature Range (Ambient) . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . . 280
∞C
*Stresses greater than those listed may cause permanent damage to the device.
These are stress ratings only; functional operation of the device at these or any
other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Pin Type
1
PORTA6/DR1
I/O
2
PORTA5/(FL1/DT1)
I/O
3
PORTA4/(SCLK1/SCLK0)
I/O
4
PORTA3/TFS0
I/O
5
PORTA2/RFS0
I/O
6
PORTA1/DT0
I/O
7
PORTA0/DR0
I/O
8
CLKIN
I
9
XTAL
O
10
VDD
SUP
11
PWMTRIP
I
12
ISENSE3I
13
ISENSE2I
14
ISENSE1I
15
VAUX0
I
16
VAUX1
I
17
VAUX2
I
18
ICONST
O
19
GND
GND
20
RESET
I
21
CH
O
22
CL
O
23
BH
O
24
BL
O
25
AH
O
26
AL
O
27
PORTA8/(AUX0/CLKOUT)
I/O
28
PORTA7/(AUX1/PWMSYNC)
I/O
ORDERING GUIDE
Temperature
Instruction
Package
Package
Model
Range
Rate
Description
Option
ADMCF341BR
–40
∞C to +85∞C
20 MHz
28-Lead Wide Body (SOIC)
R-28
ADMCF341-EVALKIT
N/A
N/A
Development Tool Kit
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
ADMCF341
PORTA6/DR1
PORTA7/(AUX1/PWMSYNC)
PORTA5/(FL1/DT1)
PORTA8/(AUX0/CLKOUT)
PORTA4/(SCLK1/SCLK0)
AL
PORTA3/TFS0
PORTA2/RFS0
BL
PORTA1/DT0
BH
PORTA0/DR0
CH
XTAL
RESET
VDD
ICONST
ISENSE2
1
3
4
5
6
7
8
9
10
11
12
13
14
2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AH
CLKIN
GND
PWMTRIP
VAUX2
VAUX1
ISENSE1
VAUX0
ISENSE3
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com