Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF341 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMCF341
Description  DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF341 Datasheet(HTML) 1 Page - Analog Devices

  ADMCF341 Datasheet HTML 1Page - Analog Devices ADMCF341 Datasheet HTML 2Page - Analog Devices ADMCF341 Datasheet HTML 3Page - Analog Devices ADMCF341 Datasheet HTML 4Page - Analog Devices ADMCF341 Datasheet HTML 5Page - Analog Devices ADMCF341 Datasheet HTML 6Page - Analog Devices ADMCF341 Datasheet HTML 7Page - Analog Devices ADMCF341 Datasheet HTML 8Page - Analog Devices ADMCF341 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. 0
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
ADMCF341
DashDSP™ 28-Lead Flash Mixed-Signal DSP
with Enhanced Analog Front End
FUNCTIONAL BLOCK DIAGRAM
MEMORY BLOCK
PROGRAM
ROM
4K x 24
PROGRAM
FLASH
4K x 24
PROGRAM
RAM
512 x 24
DATA
MEMORY
512 x 16
VREF
ANALOG
INPUTS
16-BIT
THREE-
PHASE
PWM
POR
TIMER
SERIAL PORT
SPORT 0
PIO
2 x 16-BIT
AUX
PWM
WATCH-
DOG
TIMER
ADSP-21xx BASE
ARCHITECTURE
DATA
ADDRESS
GENERATORS
DAG 1 DAG 2
PROGRAM
SEQUENCER
ARITHMETIC UNITS
SHIFTER
MAC
ALU
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
2.5V
SPORT 1
MOTOR CONTROL PERIPHERALS
ADC SUBSYSTEM
ISENSE AMP
AND TRIP
SHA
3
TIMERS
MULTIPLEXED ON EXTERNAL PINS
3
6
9
7
2
DashDSP is a trademark of Analog Devices, Inc.
FEATURES
20 MHz Fixed-Point DSP Core
Single-Cycle Instruction Execution (50 ns)
ADSP-21xx Family Code Compatibility
Independent Computational Units
ALU, Multiplier/Accumulator, Barrel Shifter
Multifunction Instructions
Single-Cycle Context Switch
Powerful Program Sequencer
Zero Overhead Looping
Conditional Instruction Execution
Two Independent Data Address Generators
Memory Configuration
512
16-Bit Data Memory RAM
512
24-Bit Program Memory RAM
4K
24-Bit Program Memory ROM
4K
24-Bit Program Flash Memory
Three Independent Flash Memory Sectors
3584
24-Bit, 256
24-Bit, 256
24-Bit
Low-Cost Pin-Compatible ROM Option
16-Bit Watchdog Timer
Programmable 16-Bit Internal Timer with Prescaler
Two Double Buffered Serial Ports with SPI Mode Support
Integrated Power-On Reset Function
Three-Phase 16-Bit PWM Generation Unit:
16-Bit Center-Based PWM Generator
Programmable PWM Pulsewidth
Edge Resolution to 50 ns
153 Hz Minimum Switching Frequency
Double/Single Duty Cycle Update Mode Control
Individual Enable and Disable for Each PWM Output
High-Frequency Chopping Mode for Transformer
Coupled Gate Drives
External PWMTRIP Pin
Integrated 6-Channel ADC Subsystem
Three Bipolar ISENSE Inputs with Programmable
Sample-and-Hold Amplifier and Overcurrent Pro-
tection (Usable as Three Dedicated Analog Inputs)
Muxed Auxiliary Analog Inputs
Internal Voltage Reference (2.5 V)
Acquisition Synchronized to PWM Switching
Frequency
9-Pin Digital I/O Port
Bit Configurable as Input or Output
Change of State Interrupt Support
Two 16-Bit Auxiliary PWM Timers
Synthesized Analog Output
Programmable Frequency
0% to 100% Duty Cycle
Two Programmable Operational Modes
Independent Mode/Offset Mode
Motor Types
Permanent Magnet Synchronous Motors (PMSM)
Brushless DC Motors (BDCM)
AC Induction Motors (ACIM)
APPLICATIONS
Refrigerator and Air Conditioner Compressor
Washing Machines
Industrial Variable Speed Drives
HVAC


Similar Part No. - ADMCF341

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
More results

Similar Description - ADMCF341

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF340 AD-ADMCF340 Datasheet
415Kb / 40P
DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV.0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV. 0
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
logo
Texas Instruments
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com