Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 1 Page - Analog Devices

  ADMCF340 Datasheet HTML 1Page - Analog Devices ADMCF340 Datasheet HTML 2Page - Analog Devices ADMCF340 Datasheet HTML 3Page - Analog Devices ADMCF340 Datasheet HTML 4Page - Analog Devices ADMCF340 Datasheet HTML 5Page - Analog Devices ADMCF340 Datasheet HTML 6Page - Analog Devices ADMCF340 Datasheet HTML 7Page - Analog Devices ADMCF340 Datasheet HTML 8Page - Analog Devices ADMCF340 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accu-
rate and reliable. However, no responsibility is assumed by
Analog Devices for its use, nor for any infringements of patents
or other rights of third parties that may result from its use. No
license is granted by implication or otherwise under any patent
or patent rights of Analog Devices.
a
ADMCF340
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
FUNCTIONAL BLOCK DIAGRAM
VREF
2.5V
MEMORY BLOCK
PROGRAM
ROM
4K
24
PROGRAM
FLASH
4K
24
PROGRAM
RAM
512
24
DATA
MEMORY
512
16
ANALOG
INPUTS
16-BIT
THREE-
PHASE
PWM
TIMER
SERIAL PORT
SPORT 0
PIO
2
16-BIT
AUX
PWM
WATCH-
DOG
TIMER
ADSP-21xx BASE
ARCHITECTURE
DATA
ADDRESS
GENERATORS
DAG 1 DAG 2
PROGRAM
SEQUENCER
ARITHMETIC UNITS
SHIFTER
MAC
ALU
PROGRAM MEMORY ADDRESS
DATA MEMORY ADDRESS
PROGRAM MEMORY DATA
DATA MEMORY DATA
SPORT 1
MOTOR CONTROL PERIPHERALS
ADC SUBSYSTEM
SHA
3
10
TIMERS
6
POR
ISENSE AMP
AND TRIP
2
25
7
DashDSPTM 64-Lead Flash Mixed-Signal DSP
with Enhanced Analog Front End
TARGET APPLICATIONS
Refrigerator and Air Conditioner Compressors,
Washing Machines
Industrial Variable Speed Drives, HVAC
MOTOR TYPES
Permanent Magnet Synchronous Motors (PMSM),
Brushless DC Motors (BDCM), AC Induction Motors
(ACIM), Switched Reluctance Motors (SRM)
FEATURES
20 MHz Fixed-Point DSP Core
Single Cycle Instruction Execution (50 ns)
ADSP-21xx Family Code Compatibility
Independent Computational Units
ALU
Multiplier/Accumulator
Barrel Shifter
Multifunction Instructions
Single Cycle Context Switch
Powerful Program Sequencer
Zero Overhead Looping
Conditional Instruction Execution
Two Independent Data Address Generators
DashDSP is a trademark of Analog Devices, Inc.
Memory Configuration
512
16-Bit Data Memory RAM
512
24-Bit Program Memory RAM
4K
24-Bit Program Memory ROM
4K
24-Bit Total Program FLASH Memory
Three Independent FLASH Memory Sectors
3584
24-Bit, 256
24-Bit, 256
24-Bit
Low Cost Pin-Compatible ROM Option
16-Bit Watchdog Timer
Programmable 16-Bit Internal Timer with Prescaler
Two Double Buffered Serial Ports with SPI Mode
Support
Integrated Power On Reset Function
Three Phase 16-Bit PWM Generation Unit
16-Bit Center-Based PWM Generator
Programmable PWM Pulsewidth
Edge Resolution of 50 ns
Programmable Narrow Pulse Deletion
153 Hz Minimum Switching Frequency
Double/Single Update Mode Control
Individual Enable and Disable for Each PWM
Output
High Frequency Chopping Mode for
Transformer-Coupled Gate Drives
(continued on page 8)


Similar Part No. - ADMCF340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF340 AD-ADMCF340_15 Datasheet
430Kb / 40P
64-Lead Flash and ROM Memory
REV. A
More results

Similar Description - ADMCF340

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMCF341 AD-ADMCF341 Datasheet
1Mb / 36P
DashDSP??28-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
REV.0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV.0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Texas Instruments
AFE7222 TI1-AFE7222 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
logo
Texas Instruments
AFE7222 TI1-AFE7222_14 Datasheet
1Mb / 107P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
Low-Power Analog Front End with DSP Microcomputer
REV. 0
ADMCF341 AD-ADMCF341_15 Datasheet
385Kb / 36P
28-Lead Flash and ROM Memory, Mixed-Signal DSPs with Enhanced Analog Front End
REV. A
logo
Texas Instruments
AFE7222 TI-AFE7222_15 Datasheet
1Mb / 106P
Analog Front End Wideband Mixed-Signal Transceiver
logo
Analog Devices
AD9993 AD-AD9993_17 Datasheet
2Mb / 57P
Integrated Mixed-Signal Front End
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com