Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet(PDF) 18 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 14Page - Analog Devices ADMCF340 Datasheet HTML 15Page - Analog Devices ADMCF340 Datasheet HTML 16Page - Analog Devices ADMCF340 Datasheet HTML 17Page - Analog Devices ADMCF340 Datasheet HTML 18Page - Analog Devices ADMCF340 Datasheet HTML 19Page - Analog Devices ADMCF340 Datasheet HTML 20Page - Analog Devices ADMCF340 Datasheet HTML 21Page - Analog Devices ADMCF340 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
REV. 0
ADMCF340
–18–
PWMCHA = PWMCHB
PWMTM
PWMTM
AH
AL
BH
BL
2
PWMDT
2
PWMDT
CH
CL
Figure 9. An example of PWM signals suitable for ECM
control. PWMCHA = PWMCHB, BH/BL are a crossover
pair. AL, BH, CH, and CL outputs are disabled. Operation
is in single update mode.
Gate Drive Unit: PWMGATE Register
The gate drive unit of the PWM controller adds features that
simplify the design of isolated gate drive circuits for PWM
inverters. If a transformer-coupled power device gate drive amplifier is
used, the active PWM signal must be chopped at a high frequency.
The PWMGATE Register allows the programming of this high
frequency chopping mode. The chopped active PWM signals
may be required for the high side drivers only, for the low side
drivers only, or for both the high side and low side switches.
Therefore, independent control of this mode for both high side
and low side switches is included with two separate control bits
in the PWMGATE Register.
Typical PWM output signals with high frequency chopping
enabled on both high side and low side signals are shown in
Figure 10. Chopping of the high side PWM outputs (AH, BH,
and CH) is enabled by setting Bit 8 of the PWMGATE Register.
Chopping of the low side PWM outputs (AL, BL, and CL) is
enabled by setting Bit 9 of the PWMGATE Register. The high
chopping frequency is controlled by the 8-bit word (GDCLK)
written to Bits 0 to 7 of the PWMGATE Register. The period
and the frequency of this high frequency carrier are:
T
GDCLK
T
f
f
GDCLK
CHOP
CK
CHOP
CLKOUT
=×
+
()
[]×
=
×+
()
[]
41
41
The GDCLK value may range from 0 to 255, corresponding
to a programmable chopping frequency rate from 19.5 kHz to
5 MHz for a 20 MHz CLKOUT rate. The gate drive features
must be programmed before operation of the PWM controller
and typically are not changed during normal operation of the
PWM controller. Following a reset, by default, all bits of the
PWMGATE Register are cleared so that high frequency
chopping is disabled.
PWMCHA PWMCHA
PWMTM
[4
(GDCLK + 1)
tCK]
PWMTM
2
PWMDT
2
PWMDT
Figure 10. Typical PWM signals with high frequency gate
chopping enabled on both high side and low side switches.
(GDCLK is the integer equivalent of the value in Bits 0 to
7 of the PWMGATE Register.)
PWM Polarity Control, PWMPOL Pin
The polarity of the PWM signals produced at the output pins
AH to CL may be selected in hardware by the PWMPOL Pin.
Connecting the PWMPOL Pin to DGND selects active LO PWM
outputs, such that a LO level is interpreted as a command to
turn on the associated power device. Conversely, connecting
the PWMPOL Pin to VDD selects active HI PWM and the asso-
ciated power devices are turned ON by a HI level at the PWM
outputs. There is an internal pull-up on the PWMPOL Pin, so
that if this pin becomes disconnected (or is not connected),
active HI PWM will be produced. The level on the PWMPOL
Pin may be read from Bit 2 of the SYSSTAT Register, where a
zero indicates a measured LO level at the PWMPOL Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com