Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet(PDF) 20 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 16Page - Analog Devices ADMCF340 Datasheet HTML 17Page - Analog Devices ADMCF340 Datasheet HTML 18Page - Analog Devices ADMCF340 Datasheet HTML 19Page - Analog Devices ADMCF340 Datasheet HTML 20Page - Analog Devices ADMCF340 Datasheet HTML 21Page - Analog Devices ADMCF340 Datasheet HTML 22Page - Analog Devices ADMCF340 Datasheet HTML 23Page - Analog Devices ADMCF340 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
REV. 0
ADMCF340
–20–
ICONST_TRIM
REG <2:0>
ADC1
ADC2
ADC3
ADCAUX
COMP
V1
V2
V3
VREF
VAUX3 (V)
VAUX0
VAUX0 (V)
VAUX1
VAUX1 (V)
VAUX2
VAUX2 (V)
VAUX4
VAUX4 (V)
VAUX5
VAUX5 (V)
VAUX6
VAUX6 (V)
VAUX7
VAUX7 (V)
ICONST
CURRENT
VOLTAGE
CURRENT
VOLTAGE
CURRENT
VOLTAGE
8-1
MULTIPLEXER
MODECTRL REG <0..1>
COMP
COMP
COMP
ICONST
FILTER
V1
V2
V3
VAUX
PWMSYNC (CONVST)
MODECTRL
REG <07>
CLK
CAPACITOR
RESET
CAPACITOR
EXTERNALCHARGING
12-BIT
ADC
TIMER
BLOCK
ADC
REGISTERS
PWMTRIP
CHANNEL1
CHANNEL2
CHANNEL3
MODECTRL REG
<09..10..11>
Figure 11. ADC Overview
Single Slope ADC Operations
Comparing each ADC input to a reference ramp voltage and
timing the comparison of the two signals performs the conversion
process. The actual conversion point is the time point intersection
of the input voltage and the ramp voltage (VC) as shown in
Figure 12. This time is converted to counts by the 12-bit ADC
Timer Block and is stored in the ADC registers. The ramp
voltage used to perform the conversion is generated by driving a
fixed current into an off-chip capacitor, where the capacitor
voltage is:
VI C
t
C
=
() ×
/
Following reset, VC = 0 at t = 0. This reset and the start of the
conversion process are initiated by the PWMSYNC pulse, as
shown in Figure 12. The width of the PWMSYNC pulse is
controlled by the PWMSYNCWT Register and should be
programmed according to Figure 12 to ensure complete resetting.
In order to compensate for IC process manufacturing tolerances
(and to adjust for capacitor tolerances), the current source of the
ADMCF340 is software programmable. The software setting of the
magnitude of the ICONST current generator is accomplished by
selecting one of eight steps over approximately 20% current range.
Table VI. ADC Auxiliary Channel Selection
MODECTRL(5)
MODECTRL(1)
MODECTRL(0)
Select
ADCMUX
ADCMUX1
ADCMUX0
VAUX0
0
0
0
VAUX1
0
0
1
VAUX2
0
1
0
VAUX3 Calibration (VREF)0
1
1
VAUX4
1
0
0
VAUX5
1
0
1
VAUX6
1
1
0
VAUX7
1
1
1
Table VII. Port A Multiplexing
PORTA Pin
First Alternate Function (Peripheral)
Second Alternate Function (Peripheral)
PORTA8
AUX0 (Auxiliary PWM Output)
CLKOUT (System CLOCK)
PORTA7
AUX1 (Auxiliary PWM Output)
PWMSYNC (PWM)
PORTA6
DR1 (Data Receive SPORT1)
None
PORTA5
FL1 (Flag Out SPORT1)
DT1 (Data Transmit SPORT1)
PORTA4
SCLK1 (Serial Clock SPORT1)
SCLK0 (Serial Clock SPORT0)
PORTA3
TFS0 (Transmit Frame Sync SPORT0)
None
PORTA2
RFS0 (Receive Frame Sync SPORT0)
None
PORTA1
DT0 (Data Transmit SPORT0)
None
PORTA0
DR0 (Data Receive SPORT0)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com