Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 12Page - Analog Devices ADMCF340 Datasheet HTML 13Page - Analog Devices ADMCF340 Datasheet HTML 14Page - Analog Devices ADMCF340 Datasheet HTML 15Page - Analog Devices ADMCF340 Datasheet HTML 16Page - Analog Devices ADMCF340 Datasheet HTML 17Page - Analog Devices ADMCF340 Datasheet HTML 18Page - Analog Devices ADMCF340 Datasheet HTML 19Page - Analog Devices ADMCF340 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
REV. 0
ADMCF340
–16–
In general, the on-times of the PWM signals in double update
mode are defined by:
TAH = (PWMCHA1 + PWMCHA2 – PWMDT1 – PWMDT2 )
× TCK
TAL = (PWMTM1 + PWMTM2 – PWMCHA1 – PWMCHA2 –
PWMDT1 – PWMDT2)
× TCK
d
T
T
PWMCHA
PWMCHA
PWMTM
PWMTM
PWMDT
PWMDT
PWMTM
PWMTM
d
T
T
PWMTM
PWMTM
PWMCHA
PWMTM
PWMTM
PWMCHA
PWMDT
PWMDT
PWMTM
PWMTM
AH
AH
S
AL
AL
S
=
=
+
+
−
+
+
=
=
++
()
+
++
()
+
12
12
12
12
12
1
12
21
2
12
–
because of the completely general case in double update mode,
the switching period is given by:
T
PWNMTM
PWMTM
T
SCK
=+
() ×
12
Again, the values of TAH and TAL are constrained to lie between
zero and TS.
PWM signals similar to those illustrated in Figure 7 and Figure 8 can
be produced on the BH, BL, CH, and CL outputs by programming
the PWMCHB and PWMCHC Registers in a manner identical
to that described for PWMCHA.
The PWM controller does not produce any PWM outputs until
all of the PWMTM, PWMCHA, PWMCHB, and PWMCHC
Registers have been written to at least once. After these registers
have been written, the counters in the three-phase timing unit
are enabled. Writing to these registers also starts the main PWM
timer. If during initialization, the PWMTM Register is written
before the PWMCHA, PWMCHB, and PWMCHC Registers, the
first PWMSYNC pulse (and interrupt if enabled) will be generated
(1.5
× T
CK
× PWMTM) seconds after the initial write to the
PWMTM Register in single update mode. In double update mode,
the first PWMSYNC pulse will be generated (TCK
× PWMTM)
seconds after the initial write to the PWMTM Register in single
update mode.
Effective PWM Resolution
In single update mode, the same values of PWMCHA, PWMCHB,
and PWMCHC are used to define the on-times in both half
cycles of the PWM period. As a result, the effective resolution of
the PWM generation process is 2 TCK (or 100 ns for a 20 MHz
CLKOUT) since incrementing one of the duty cycle registers by
one changes the resultant on-time of the associated PWM signals
by TCK in each half period (or 2 TCK for the full period).
In double update mode, improved resolution is possible since
different values of the duty cycle registers are used to define the
on-times in both the first and second halves of the PWM period.
As a result, it is possible to adjust the on-time over the whole
period in increments of TCK. This corresponds to an effective
PWM resolution of TCK in double update mode (or 50 ns for a
20 MHz CLKOUT).
Table IV. Fundamental Characteristics of PWM Generation Unit of ADMCF340
16-BIT PWM TIMER
Parameter
Min
Typ
Max
Unit
Counter Resolution
16
Bits
Edge Resolution (Single Update Mode)
100
ns
Edge Resolution (Double Update Mode)
50
ns
Programmable Dead Time Range
0
102
µs
Programmable Dead Time Increments
100
ns
Programmable Pulse Deletion Range
0
51
µs
Programmable Pulse Deletion Increments
50
ns
PWM Frequency Range
153
Hz
PWMSYNC Pulsewidth (TCRST)
0.05
12.8
µs
Gate Drive Chop Frequency Range
0.02
5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com