Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet(PDF) 23 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 19Page - Analog Devices ADMCF340 Datasheet HTML 20Page - Analog Devices ADMCF340 Datasheet HTML 21Page - Analog Devices ADMCF340 Datasheet HTML 22Page - Analog Devices ADMCF340 Datasheet HTML 23Page - Analog Devices ADMCF340 Datasheet HTML 24Page - Analog Devices ADMCF340 Datasheet HTML 25Page - Analog Devices ADMCF340 Datasheet HTML 26Page - Analog Devices ADMCF340 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
REV. 0
ADMCF340
–23–
AUXILIARY PWM TIMERS
Overview
The ADMCF340 provides two variable frequency, variable duty
cycle, 16-bit, auxiliary PWM outputs that are available at the
AUX1 and AUX0 Pins. When enabled, these auxiliary PWM
outputs can be used to provide switching signals to other circuits in
a typical motor control system such as power factor corrected
front-end converters or other switching power converters. Alterna-
tively, by addition of a suitable filter network, the auxiliary PWM
output signals can be used as simple single-bit digital-to-analog
converters, which is shown in Figure 16. The auxiliary PWM
system of the ADMCF340 can operate in two different modes:
independent mode or offset mode. The operating mode of the
auxiliary PWM system is controlled by Bit 8 of the MODECTRL
Register. Setting Bit 8 of the MODECTRL Register places the
auxiliary PWM system in the independent mode. In this mode,
the two auxiliary PWM generators are completely independent
and separate switching frequencies and duty cycles may be
programmed for each auxiliary PWM output. In this mode, the
16-bit AUXTM0 Register sets the switching frequency of the
signal at the AUX0 output pin. Similarly, the 16-bit AUXTM1
Register sets the switching frequency of the signal at the AUX1
pin. The fundamental time increment for the auxiliary PWM
outputs is twice the DSP instruction rate (or 2 TCK) and the
corresponding switching periods are given by:
T
AUXTM
T
T
AUXTM
T
AUX
CK
AUX
CK
0
1
20
1
21 1
=×
+
() ×
=×
+
() ×
Since the values in both AUXTM0 and AUXTM1 can range
from 0 to 0xFFFF, the achievable switching frequency of the
auxiliary PWM signals may range from 152.59 Hz to 10 MHz
for a CLKOUT frequency of 20 MHz. The on-time of the two
auxiliary PWM signals is programmed by the two 16-bit AUXCH0
and AUXCH1 Registers, according to:
T
AUX
AUXCH
T
T
AUX
AUXCH
T
ON,
CK
ON,
CK
02
0
12
1
=×
() ×
=×
() ×
so that output duty cycles from 0% to 100% are possible. Duty
cycles of 100% are produced if the on-time value exceeds the
period value. Typical auxiliary PWM waveforms in independent
mode are shown in Figure 17(a). When Bit 8 of the MODECTRL
Register is cleared, the auxiliary PWM channels are placed in
offset mode. In offset mode, the switching frequency of the two
signals on the AUX0 and AUX1 Pins are identical and controlled
by AUXTM0 in a manner similar to that previously described
for independent mode. In addition, the on times of both the
AUX0 and AUX1 signals are controlled by the AUXCH0 and
AUXCH1 Registers as before.
However in this mode, the AUXTM1 Register defines the offset
time from the rising edge of the signal on the AUX0 Pin to that
on the AUX1 Pin according to:
T
AUXTM
T
OFFSET
CK
=×
+
() ×
21 1
For correct operation in this mode, the value written to the
AUXTM1 Register must be less than the value written to the
AUXTM0 Register. Typical auxiliary PWM waveforms in offset
mode are shown in Figure 17(b). Again, duty cycles from 0% to
100% are possible in this mode.
In both operating modes, the resolution of the auxiliary PWM
system is 16 bits only at the minimum switching frequency
(AUXTM0 = AUXTM1 = 65535 in independent mode,
AUXTM0 = 65535 in offset mode). Obviously, as the switching
frequency is increased, the resolution is reduced.
Values can be written to the auxiliary PWM Registers at any
time. However, new duty cycle values written to the AUXCH0
and AUXCH1 Registers only become effective at the start of the
next cycle. Writing to the AUXTM0 or AUXTM1 Registers
causes the internal timers to be reset to 0 and new PWM cycles
to begin. By default following a reset, Bit 8 of the MODECTRL
Register is cleared, thus enabling offset mode. In addition, the
registers AUXTM0 and AUXTM1 default to 0xFFFF, corre-
sponding to the minimum switching frequency and zero offset.
The on-time registers AUXCH0 and AUXCH1 default to 0x0000.
AUXPWM
R1
R2
C1
C2
R1 = R2 = 13k
C1 = C2 = 10nF
Figure 16. Auxiliary PWM Output Filter
Auxiliary PWM Interface, Registers and Pins
The registers of the auxiliary PWM system are summarized at
the end of the data sheet.
AUX0
AUX1
2
(AUXTM0 + 1)
2
(AUXTM1 + 1)
2
AUXCH1
2
AUXCH1
2
AUXCH0
(a) Independent Mode
Table IX. Fundamental Characteristics of Auxiliary PWM Timer of ADMCF340
Parameter
Test Conditions
Min
Typ
Max
Unit
Resolution
16
Bits
PWM Frequency
10 MHz CLKIN
0.152
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com