Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 4Page - Analog Devices ADMCF340 Datasheet HTML 5Page - Analog Devices ADMCF340 Datasheet HTML 6Page - Analog Devices ADMCF340 Datasheet HTML 7Page - Analog Devices ADMCF340 Datasheet HTML 8Page - Analog Devices ADMCF340 Datasheet HTML 9Page - Analog Devices ADMCF340 Datasheet HTML 10Page - Analog Devices ADMCF340 Datasheet HTML 11Page - Analog Devices ADMCF340 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
REV. 0
ADMCF340
–8–
PM ROM
4K
24
PM RAM
512
24
BUS
EXCHANGE
COMPANDING
CIRCUITRY
DATA
ADDRESS
GENERATOR
#2
DATA
ADDRESS
GENERATOR
#1
14
14
24
16
6
DM RAM
512
16
R BUS
16
DMA BUS
PMA BUS
DMD BUS
PMD BUS
INSTRUCTION
REGISTER
INPUT REGS
OUTPUT REGS
SHIFTER
CONTROL
LOGIC
SERIAL
PORT
RECEIVE REG
TRANSMIT REG
TIMER
INPUT REGS
OUTPUT REGS
MAC
INPUT REGS
OUTPUT REGS
ALU
PROGRAM
SEQUENCER
FLASH
PROGRAM
MEMORY
4K
24
Figure 3. DSP Core Block Diagram
GENERAL DESCRIPTION
The ADMCF340 is a low cost, single-chip DSP-based controller
suitable for permanent magnet synchronous, ac induction, switched
reluctance, and brushless dc motors. The ADMCF340 integrates
a 20 MHz, fixed-point DSP core with a complete set of motor control
and system peripherals that permit fast, efficient development of
motor controllers.
The DSP core of the ADMCF340 is completely code compatible
with the ADSP-21xx DSP family and combines three computa-
tional units, data address generators, and a program sequencer.
The computational units comprise an ALU, a multiplier/accumu-
lator (MAC), and a barrel shifter. There are special instructions
for bit manipulation, multiplication (x squared), biased rounding,
and global interrupt masking. The system peripherals are the
power-on reset circuit (POR), the watchdog timer, and two
synchronous serial ports. The serial ports are configurable,
and double buffered, with hardware support for UART, SCI,
and SPI port emulation. The ADMCF340 provides 512
× 24-bit
program memory RAM, 4K
× 24-bit program memory ROM,
4K
× 24-bit program FLASH memory, and 512 × 16-bit data
memory RAM. The user code will be stored and executed from
the flash memory. The program and data memory RAM can be
used for dynamic data storage or can be loaded through the
serial port from an external device as in other ADMCxx family
parts. The program memory ROM contains a monitor function
as well as useful routines for erasing, programming, and verifying
the flash memory.
The motor control peripherals of the ADMCF340 provide a 12-bit
analog data acquisition system with 13 analog input channels,
three dedicated ISENSE functions (combining internal amplifi-
cation, sampling, and overcurrent PWM shutdown features),
and an internal voltage reference. In addition, a three-phase,
16-bit, center-based PWM generation unit can be used to produce
high accuracy PWM signals with minimal processor overhead. The
ADMCF340 also contains two 16-bit auxiliary PWM timers
and 25 lines of programmable digital I/O.
Several functions such as the auxiliary PWM and the serial com-
munication ports are multiplexed with the nine PORT A (9, PIO)
programmable input/output (PIO) pins. The other 16 pro-
grammable digital I/O are dedicated. The pin functions can
be independently selected to allow maximum flexibility for
different applications.
(continued from page 1)
External
PWMTRIP Pin
Switched Reluctance Motor Mode Selection Pin
PWM Polarity Selection Pin
Integrated 13-Channel ADC Subsystem
Three Bipolar ISENSE Inputs with Programmable
Sample and Hold Amplifier and Overcurrent
Protection (Usable as Three Dedicated Analog Inputs)
Three Simultaneous Converting Voltage Inputs
Seven Muxed Auxiliary Analog Inputs
Internal Voltage Reference (2.5 V)
Acquisition Synchronized to PWM Switching
Frequency
25-Pin Digital I/O Port
Bit Configurable as Input or Output
Change of State Interrupt Support
Two 16-Bit Auxiliary PWM Timers
Synthesized Analog Output
Programmable Frequency
0% to 100% Duty Cycle
Two Programmable Operation Modes
Independent Mode/Offset Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com