Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet(PDF) 28 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 24Page - Analog Devices ADMCF340 Datasheet HTML 25Page - Analog Devices ADMCF340 Datasheet HTML 26Page - Analog Devices ADMCF340 Datasheet HTML 27Page - Analog Devices ADMCF340 Datasheet HTML 28Page - Analog Devices ADMCF340 Datasheet HTML 29Page - Analog Devices ADMCF340 Datasheet HTML 30Page - Analog Devices ADMCF340 Datasheet HTML 31Page - Analog Devices ADMCF340 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
REV. 0
ADMCF340
–28–
Table XII. Peripheral Register Map
Address
(HEX)
Name
Bits Used
Function
0x2000
ADC1
[15 . . . 4]
ADC Results for V1/ISENSE1
0x2001
ADC2
[15 . . . 4]
ADC Results for V2/ISENSE2
0x2002
ADC3
[15 . . . 4]
ADC Results for V3/ISENSE3
0x2003
ADCAUX
[15 . . . 4]
ADC Results for VAUX
0x2004
PORTA_DIR
[8 . . . 0]
PA8...PA0 Pins Direction Setting
0x2005
PORTA_DATA
[8 . . . 0]
PA8...PA0 Pins Input/Output Data
0x2006
PORTA_INTEN
[8 . . . 0]
PA8...PA0 Pins Interrupt Enable
0x2007
PORTA_FLAG
[8 . . . 0]
PORTA Pins Interrupt Status
0x2008
PWMTM
[15 . . . 0]
PWM Period
0x2009
PWMDT
[9 . . . 0]
PWM Dead Time
0x200A
PWMPD
[9 . . . 0]
PWM Pulse Deletion Time
0x200B
PWMGATE
[9 . . . 0]
PWM Gate Drive Configuration
0x200C
PWMCHA
[15 . . . 0]
PWM Channel A Pulsewidth
0x200D
PWMCHB
[15 . . . 0]
PWM Channel B Pulsewidth
0x200E
PWMCHC
[15 . . . 0]
PWM Channel C Pulsewidth
0x200F
PWMSEG
[8 . . . 0]
PWM Segment Select
0x2010
AUXCH0
[7 . . . 0]
AUX PWM Output 0
0x2011
AUXCH1
[7 . . . 0]
AUX PWM Output 1
0x2012
AUXTM0
[7 . . . 0]
Auxiliary PWM Frequency Value
0x2013
AUXTM1
[7 . . . 0]
Auxiliary PWM Frequency Value/Offset
0x2014
Reserved
0x2015
MODECTRL
[8 . . . 0]
Mode Control Register
0x2016
SYSSTAT
[3 . . . 0]
System Status
0x2017
IRQFLAG
[1 . . . 0]
Interrupt Status
0x2018
WDTIMER
[15 . . . 0]
Watchdog Timer
0x2019 . . . 43
Reserved
0x2044
PORTB_DIR
[15 . . . 0]
PB15...PB0 Pin Direction Setting
0x2045
PORTB_DATA
[15 . . . 0]
PB15...PB0 Data and Mode Control
0x2046
PORTB_INTEN
[15 . . . 0]
PB15...PB0 Pin Interrupt Enable
0x2047
PORTB_FLAG
[15 . . . 0]
PB15...PB0 Pin Interrupt Status
0x2048
Reserved
0x2049
PORTA_SELECT
[15 . . . 0]
PIO Mode Select
0x204A . . . 5F
Reserved
0x2060
PWMSYNCWT
[7 . . . 0]
PWMSYNC Pulsewidth
0x2061
PWMSWT
[0]
PWM S/W Trip Bit
0x2062 . . . 67
Reserved
0x2068
ICONST_TRIM
[2. . .0]
ICONST_TRIM
0x2069
SHA1_TM
[15...0]
Sample and Hold Timer
0x206A
SHA2_TM
[15...0]
Sample and Hold Timer
0x206B
SHA3_TM
[15...0]
Sample and Hold Timer
0x2070
Reserved
0x2080
FMCR
[15. . .0]
Flash Memory Control Register
0x2081
FMAR
[11. . .0]
Flash Memory Address Register
0x2082
FMDRH
[13. . .0]
Flash Memory Data Register High
0x2083
FMDRL
[15. . .0]
Flash Memory Data Register Low
0x2084 . . . FF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com