Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet(PDF) 25 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMCF340 Datasheet HTML 21Page - Analog Devices ADMCF340 Datasheet HTML 22Page - Analog Devices ADMCF340 Datasheet HTML 23Page - Analog Devices ADMCF340 Datasheet HTML 24Page - Analog Devices ADMCF340 Datasheet HTML 25Page - Analog Devices ADMCF340 Datasheet HTML 26Page - Analog Devices ADMCF340 Datasheet HTML 27Page - Analog Devices ADMCF340 Datasheet HTML 28Page - Analog Devices ADMCF340 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
REV. 0
ADMCF340
–25–
The entire interrupt control system of the ADMCF340 is config-
ured and controlled by the IFC, IMASK, and ICNTL Registers of
the DSP core and the IRQFLAG Register for the PWMSYNC
and
PWMTRIP interrupts and PORTA_FLAG Register for the
PIO interrupts.
Table X. Interrupt Vector Addresses
Interrupt Source
Interrupt Vector Address
PWMTRIP
0x002C (Highest Priority)
Peripheral Interrupt (
IRQ2)
0x0004
PWMSYNC
0x000C
PIO
0x0008
Software Interrupt 1
0x0018
Software Interrupt 0
0x001C
SPORT0 Transmit Interrupt
0x0010
SPORT0 Receive Interrupt
0x0014
SPORT1 Transmit Interrupt (or
IRQ1) 0x0020
SPORT1 Receive Interrupt (or
IRQ0) 0x0024
Timer
0x0028 (Lowest Priority)
Interrupt Masking
Interrupt masking (or disabling) is controlled by the IMASK
Register of the DSP core. This register contains individual bits
that must be set to enable the various interrupt sources. If any
peripheral interrupt is to be enabled, the
IRQ2 interrupt enable
bit (Bit 9) of the IMASK Register must be set. The configura-
tion of the IMASK Register of the ADMCF340 is shown at the
end of the data sheet.
Interrupt Configuration
The IFC and ICNTL Registers of the DSP core control and
configure the interrupt controller of the DSP core. The IFC
Register is a 16-bit register that may be used to force and/or clear
any of the eight DSP interrupts. Bits 0 to 7 of the IFC Register
may be used to clear the DSP interrupts while Bits 8 to 15 can
be used to force a corresponding interrupt. Writing to Bits 11
and 12 in IFC is the only way to create the two software interrupts.
The ICNTL Register is used to configure the sensitivity (edge or
level) of the
IRQ0, IRQ1, and IRQ2 interrupts and to enable/
disable interrupt nesting. Setting Bit 0 of ICNTL configures the
IRQ0 as edge-sensitive, while clearing the bit configures it for
level-sensitive. Bit 1 is used to configure the
IRQ1 interrupt and
Bit 2 is used to configure the
IRQ2 interrupt. It is recommended
that the
IRQ2 interrupt always be configured for level-sensitive
as this ensures that no peripheral interrupts are lost. Setting Bit 4
of the ICNTL Register enables interrupt nesting. The configura-
tion of both IFC and ICNTL Registers is shown at the end of
the data sheet.
INTERRUPT OPERATION
Following a reset, the ROM code on the ADMCF340 must copy a
default interrupt vector table into program memory RAM from
address 0x0000 to 0x002F. Since each interrupt source has a
dedicated four word space in this vector table, it is possible to
code short interrupt service routines (ISR) in place. Alterna-
tively, it may be necessary to insert a JUMP instruction to the
appropriate start address of the interrupt service routine if more
memory is required for the ISR. When an interrupt occurs, the
program sequencer ensures that there is no latency (beyond
synchronization delay) when processing unmasked interrupts. In
the case of the Timer, SPORT0, SPORT1 and software interrupts,
the interrupt controller automatically jumps to the appropriate
location in the interrupt vector table. At this point, a JUMP
instruction to the appropriate ISR is required. Motor control
peripheral interrupts are slightly different. When a peripheral
interrupt is detected, a bit is set in the IRQFLAG Register for
PWMSYNC and
PWMTRIP or in the PORTA_FLAG Register
for a PIO interrupt, and the
IRQ2 line is pulled low until all
pending interrupts are acknowledged. The DSP software must
determine the source of the interrupts by reading IRQFLAG
register. If more than one interrupt occurs simultaneously, the
higher priority interrupt service routine is executed. Reading the
IRQFLAG Register clears the
PWMTRIP and PWMSYNC bits
and acknowledges the interrupt, thus allowing further interrupts
when the ISR exits. A user’s PIO interrupt service routine must
read the PORTA_FLAG Register to determine which PIO port
is the source of the interrupt. Reading register PORTA_FLAG
clears all bits in the registers and acknowledges the interrupt,
thus allowing further interrupts after the ISR exits. The configu-
ration of all these registers is shown at the end of the data sheet.
SYSTEM CONTROLLER
The system controller block of the ADMCF340 performs the
following functions:
1. Manages the interface and data transfer between the DSP
core and the motor control peripherals
2. Handles interrupts generated by the motor control peripherals
and generates a DSP core interrupt signal
IRQ2
3. Controls the ADC multiplexer select lines
4. Enables PWMTRIP and PWMSYNC interrupts
5. Controls the multiplexing of the SPORT1 and SPORT0 pins
6. Controls the PWM single/double update mode
7. Controls the ADC conversion time modes and the
SHA timers
8. Controls the auxiliary PWM operation mode
9. Contains a status register (SYSSTAT) that indicates the
state of the PWMTRIP Pin, the watchdog timer, and the
PWM timer
10. Performs a reset of the motor control peripherals and
control registers following a hardware, software, or watch-
dog initiated reset
SPORT1 and SPORT0 Control
The ADMCF340 has two serial ports: SPORT0 and SPORT1.
SPORT1 is available with a limited number of pins and is mainly
intended as a secondary port for Development Tools interfacing
and/or for Code Booting from an external serial memory.
Figure 18 shows the internal multiplexing of the SPORT0 and
SPORT1 signals. SPORT0 is intended as general-purpose
communication port. SPORT0 can support the following
operating modes: SPORT, UART, and SPI.
SPORT1 Configuration
There are two operating modes for SPORT1: Boot Mode and
UART Mode. These modes are selectable through Bit 4 of
MODECTRL Register. With SPORT1 in Boot Mode, SPORT1
serial clock (SCLK1) is externally available through the SCLK1/
SCLK0 pin. The signal SCLK1 is used to drive the external
serial memory input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com