Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMCF340 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMCF340
Description  DashDSPTM 64-Lead Flash Mixed-Signal DSP with Enhanced Analog Front End
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMCF340 Datasheet(HTML) 3 Page - Analog Devices

  ADMCF340 Datasheet HTML 1Page - Analog Devices ADMCF340 Datasheet HTML 2Page - Analog Devices ADMCF340 Datasheet HTML 3Page - Analog Devices ADMCF340 Datasheet HTML 4Page - Analog Devices ADMCF340 Datasheet HTML 5Page - Analog Devices ADMCF340 Datasheet HTML 6Page - Analog Devices ADMCF340 Datasheet HTML 7Page - Analog Devices ADMCF340 Datasheet HTML 8Page - Analog Devices ADMCF340 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
REV. 0
–3–
ADMCF340
VOLTAGE REFERENCE
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Voltage Level (VREF)2.44
2.50
2.55
V
–40
°C to +85°C
Drift
110
ppm/
°C
Specifications subject to change without notice.
POWER-ON RESET
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Reset Threshold
3.20
3.65
4.10
V
Hysteresis
100
mV
Reset Active Timeout Period
3.2*
ms
*2
16 CLKOUT cycles
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
Conditions/Comments
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
1
1.75
V
VIH
High Level Input Voltage
2.60
V
VOL
Low Level Output Voltage2
0.4
V
IOL = 2 mA
VOL
Low Level Output Voltage
3
0.8
V
IOL = 2 mA
VOH
High Level Output Voltage
4
V
IOH = 0.5 mA
IIL
Low Level Input Current RESET Pin
4
–100
µAV
IN = 0 V
IIL
Low Level Input Current
–10
µAVIN = 0 V
IIH
High Level Input Current RESET Pin
4
30
µAVIN = VDD
IIH
High Level Input Current
5
100
µAV
IN = VDD
IIH
High Level Input Current
10
µAVIN = VDD
IOZH
High Level Three-State Leakage Current
6
100
µAVIN = VDD
IOZL
Low Level Three-State Leakage Current
6
–10
µAV
IN = 0 V
IDD
Supply Current (Idle)
7
55
mA
VDD = 5.25 V
IDD
Supply Current (Dynamic)
7
135
mA
VDD = 5.25 V
NOTES
1PWMPOL and PWMSR Pins only
2Output pins PORTA0–PORTA8, PORTB0–PORTB15, AH, AL, BH, BL, CH, CL
3XTAL Pin
4Internal pull-up,
RESET
5Internal pull-down,
PWMTRIP, PORTA0–PORTA8, PORTB0–PORTB15
6Three stateable pins, DT1, RFS1, TFS1, SCLK1
7Outputs not switching
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com