Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7129 Datasheet (PDF) - Analog Devices

ADV7129 Datasheet PDF - Analog Devices
Part # ADV7129
Download  ADV7129 Download
File Size   389.59 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 192-Bit, 360 MHz True-Color Video DAC with Onboard PLL

ADV7129 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7129 Datasheet PDF - Analog Devices

Part # ADV7129
Download  ADV7129 Click to download

File Size   389.59 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 192-Bit, 360 MHz True-Color Video DAC with Onboard PLL

ADV7129 Datasheet (HTML) - Analog Devices


ADV7129 Product details

GENERAL DESCRIPTION
The ADV7129 is a complete analog output, video DAC on a single CMOS (ADV®) monolithic chip. The part is specifically designed for use in the highest resolution graphics and imaging systems. The ultimate level of integration, comprised of 360 MHz triple 8-bit DACs, a programmable pixel port, an internal voltage reference and an onboard PLL, makes the ADV7129 the only choice for the very highest level of performance and functionality.

FEATURES
   192-Bit Pixel Port Allows 2048 3 2048 3 24 Screen
      Resolution
   360 MHz, 24-Bit True-Color Operation
   Triple 8-Bit D/A Converters
   8:1 Multiplexing
   Onboard PLL
   RS-343A/RS-170 Compatible Analog Outputs
   TTL Compatible Digital Inputs
   Internal Voltage Reference
   Standard 8-Bit MPU I/O Interface
   DAC-DAC Matching: Typ 2%, Adjustable to 0.02%
   +5 V CMOS Monolithic Construction
   304-Pin PQFP Package

APPLICATIONS
   Ultrahigh Resolution Color Graphics
   Image Processing
   Drives 24-Bit Color 2K 3 2K Monitors




Similar Part No. - ADV7129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
More results


Similar Description - ADV7129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
200Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV.A
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV.A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV.B
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV.0
logo
Cirrus Logic
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com