Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7129 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 3 Page - Analog Devices

  ADV7129 Datasheet HTML 1Page - Analog Devices ADV7129 Datasheet HTML 2Page - Analog Devices ADV7129 Datasheet HTML 3Page - Analog Devices ADV7129 Datasheet HTML 4Page - Analog Devices ADV7129 Datasheet HTML 5Page - Analog Devices ADV7129 Datasheet HTML 6Page - Analog Devices ADV7129 Datasheet HTML 7Page - Analog Devices ADV7129 Datasheet HTML 8Page - Analog Devices ADV7129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADV7129
–3–
REV. 0
TIMING SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Units
CLOCK CONTROL & PIXEL PORT
4
LOADIN Clocking Rate, fLCLK
10
45
MHz
LOADIN Cycle Time, t1
16.67
ns
LOADIN Low Time, t2
6.67
ns
LOADIN High Time, t3
6.67
ns
LOADIN to LOADOUT Delay, t4
5ns
Pixel Setup Time, t5
10
ns
Pixel Hold Time, t6
42
ns
MPU PORT
R/W, C0, C1 Setup Time, t7
10
2.5
ns
R/W, C0, C1 Hold Time, t8
10
0.5
ns
CE
Low Time, t9
25
ns
CE
High Time, t10
25
ns
CE
Asserted to Data-Bus Driven, t11
25
ns
CE
Asserted to Data-Bus Valid, t12
20
ns
CE
Negated to Data-Bus Invalid, t13
1ns
CE
Negated to Data-Bus Three Stated, t14
15
ns
Write Data (D7–D0) Setup Time, t15
10
ns
Write Data (D7–D0) Hold Time, t16
10
ns
ANALOG OUTPUTS
5
Analog Output Delay, t17
@ 360 MHz
5
ns
Analog Output Rise/Fall Time, t18
0.8
ns
Analog Output Transition Time, t19
25
ns
RGB Analog Output Skew, tSK
1.5
ns
Pipeline Delay, tPD
19
PCLKs
PLL PERFORMANCE6
Jitter (1
σ)
(LOADIN = 45 MHz)
55
ps rms
NOTES
1TTL inputs values are 0 V to 3 V with input rise/fall times
≥3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and out-
puts. Analog output load
≤10 pF. Databus (D7–D0) loaded as shown in Figure 1. Digital output load for SENSE ≤30 pF.
2
±5% for all versions.
3Temperature range (T
MIN to TMAX), 0°C to +70°C.
4Pixel Port consists of the following inputs: Pixel Inputs: RED [A-H], BLUE [A-H], GREEN [A-H].
5Output Delay is measured from the 50% rising edge of LOADIN to the 50% point of full-scale transition on the A pixel. t
17 includes the analog delay due to DACs
and internal gate transitions plus the pipeline stages delay. The output delay for pixels B-H will be the output delay to the A pixel (t 17) plus the appropriate number
of clock cycles. Output rise/fall time is measured between the 10% and 90% points of full-scale transition. Settling time is measured from the 50% point of full-scale
transition to the output remaining within 1%. (Settling Time does not include clock and data feedthrough.)
6Jitter is measured by triggering on the output clock, delayed by 15
µs and then measuring the time period from the trigger edge to the next edge of the output clock
after the delay. This measurement is repeated multiple times and the rms value is determined.
Specifications subject to change without notice.
(VAA
2 = +5 V, V
REF = +1.235 V, RRSET, RGSET, RBSET = 280
, RL = 25
for IOG, IOR, IOB, CL = 10 pF.
All specifications TMIN to TMAX
3 unless otherwise noted.)
TO OUTPUT PIN
+2.1V
100pF
ISINK
ISOURCE
Figure 1. LOADIN vs. Pixel Input Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com