Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7129 Datasheet(PDF) 6 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADV7129 Datasheet HTML 2Page - Analog Devices ADV7129 Datasheet HTML 3Page - Analog Devices ADV7129 Datasheet HTML 4Page - Analog Devices ADV7129 Datasheet HTML 5Page - Analog Devices ADV7129 Datasheet HTML 6Page - Analog Devices ADV7129 Datasheet HTML 7Page - Analog Devices ADV7129 Datasheet HTML 8Page - Analog Devices ADV7129 Datasheet HTML 9Page - Analog Devices ADV7129 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADV7129
–6–
REV. 0
PIN ASSIGNMENTS
Pin No.
Mnemonic
Pin No.
Mnemonic
Pin No.
Mnemonic
Pin No.
Mnemonic
1
GND
41
G4C
81
GND
121
B4E
2
GND
42
G4B
82
GND
122
B4D
3
GND
43
G4A
83
G1A
123
B4C
4
GND
44
VAA
84
G0H
124
B4B
5
GND
45
GND
85
G0G
125
B4A
6
GND
46
VAA
86
G0F
126
B3H
7R0E
47
GND
87
G0E
127
B3G
8R0D
48
G3H
88
G0D
128
B3F
9R0C
49
G3G
89
G0C
129
B3E
10
R0B
50
G3F
90
G0B
130
B3D
11
R0A
51
G3E
91
G0A
131
B3C
12
G7H
52
G3D
92
B7H
132
B3B
13
G7G
53
G3C
93
B7G
133
B3A
14
G7F
54
G3B
94
B7F
134
B2H
15
G7E
55
G3A
95
B7E
135
B2G
16
G7D
56
G2H
96
B7D
136
B2F
17
G7C
57
G2G
97
B7C
137
B2E
18
G7B
58
G2F
98
B7B
138
B2D
19
G7A
59
G2E
99
B7A
139
B2C
20
G6H
60
G2D
100
B6H
140
B2B
21
G6G
61
G2C
101
B6G
141
B2A
22
G6F
62
G2B
102
B6F
142
B1H
23
G6E
63
G2A
103
B6E
143
B1G
24
G6D
64
G1H
104
B6D
144
B1F
25
G6C
65
G1G
105
B6C
145
B1E
26
G6B
66
G1F
106
B6B
146
B1D
27
G6A
67
G1E
107
B6A
147
GND
28
G5H
68
G1D
108
B5H
148
GND
29
G5G
69
G1C
109
B5G
149
GND
30
G5F
70
G1B
110
B5F
150
GND
31
G5E
71
GND
111
B5E
151
GND
32
G5D
72
GND
112
B5D
152
GND
33
G5C
73
GND
113
B5C
153
GND
34
G5B
74
GND
114
B5B
154
GND
35
G5A
75
GND
115
B5A
155
GND
36
G4H
76
GND
116
VAA
156
GND
37
G4G
77
GND
117
GND
157
GND
38
G4F
78
GND
118
B4H
158
GND
39
G4E
79
GND
119
B4G
159
B1C
40
G4D
80
GND
120
B4F
160
B1B
*No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com