Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7129 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 1 Page - Analog Devices

  ADV7129 Datasheet HTML 1Page - Analog Devices ADV7129 Datasheet HTML 2Page - Analog Devices ADV7129 Datasheet HTML 3Page - Analog Devices ADV7129 Datasheet HTML 4Page - Analog Devices ADV7129 Datasheet HTML 5Page - Analog Devices ADV7129 Datasheet HTML 6Page - Analog Devices ADV7129 Datasheet HTML 7Page - Analog Devices ADV7129 Datasheet HTML 8Page - Analog Devices ADV7129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
192-Bit, 360 MHz True-Color
Video DAC with Onboard PLL
ADV7129
FEATURES
192-Bit Pixel Port Allows 2048
2048
24 Screen
Resolution
360 MHz, 24-Bit True-Color Operation
Triple 8-Bit D/A Converters
8:1 Multiplexing
Onboard PLL
RS-343A/RS-170 Compatible Analog Outputs
TTL Compatible Digital Inputs
Internal Voltage Reference
Standard 8-Bit MPU I/O Interface
DAC-DAC Matching: Typ 2%, Adjustable to 0.02%
+5 V CMOS Monolithic Construction
304-Pin PQFP Package
APPLICATIONS
Ultrahigh Resolution Color Graphics
Image Processing
Drives 24-Bit Color 2K
2K Monitors
GENERAL DESCRIPTION
The ADV7129 is a complete analog output, video DAC on a single
CMOS (ADV®) monolithic chip. The part is specifically designed
for use in the highest resolution graphics and imaging systems.
The ultimate level of integration, comprised of 360 MHz triple
8-bit DACs, a programmable pixel port, an internal voltage refer-
ence and an onboard PLL, makes the ADV7129 the only choice
for the very highest level of performance and functionality.
The device consists of three high speed, 8-bit, video D/A con-
verters (RGB). An onboard phase locked loop clock generator
is provided to provide high speed operation without requiring
high speed external crystal or clock circuitry.
The part is fully controlled through the MPU port by the on-
board command registers. This MPU port may be updated at
any time without causing sparkle effects on the screen.
ADV is a registered trademark of Analog Devices, Inc.
(continued on page 10)
FUNCTIONAL BLOCK DIAGRAM
ODD/
EVEN
PIXEL
DATA
(RED,
GREEN,
BLUE)
B
C
D
E
F
G
A
H
LOADIN
LOADOUT
LPF
VREF
IOR
MPU PORT
D7–D0
CE R/
W C0 C1
ADV7129
VAA
GND
CONTROL
REGISTERS
IOR
IOG
IOG
IOB
IOB
RCOMP
GCOMP
BCOMP
RRSET
RGSET
RBSET
BLANK
HSYNC
VSYNC
CSYNC
VOLTAGE
REFERENCE
SENSE/
SYNCOUT
8
CLOCK
CONTROL
PLL
INT PIXEL
CLOCK
24
24
24
24
24
24
24
24
BLANK
AND SYNC
LOGIC
8
GREEN
DAC
8
BLUE
DAC
8
RED
DAC
MUX
8:1
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
ADV is a registered trademark of Analog Devices, Inc..


Similar Part No. - ADV7129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
More results

Similar Description - ADV7129

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV473 AD-ADV473 Datasheet
200Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV.A
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV.A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV.B
ADV7160 AD-ADV7160 Datasheet
668Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV.0
logo
Cirrus Logic
CS4350 CIRRUS-CS4350_07 Datasheet
857Kb / 41P
192 kHz Stereo DAC with Integrated PLL
logo
Analog Devices
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com