Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7129 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 2 Page - Analog Devices

  ADV7129 Datasheet HTML 1Page - Analog Devices ADV7129 Datasheet HTML 2Page - Analog Devices ADV7129 Datasheet HTML 3Page - Analog Devices ADV7129 Datasheet HTML 4Page - Analog Devices ADV7129 Datasheet HTML 5Page - Analog Devices ADV7129 Datasheet HTML 6Page - Analog Devices ADV7129 Datasheet HTML 7Page - Analog Devices ADV7129 Datasheet HTML 8Page - Analog Devices ADV7129 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADV7129–SPECIFICATIONS
All Versions
Conditions
1
Min
Typ
Max
Units
STATIC PERFORMANCE
3
Resolution (Each DAC)
8
Bits
Accuracy (Each DAC)
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Gray Scale Error
±5
% Gray Scale
Binary Coding
DIGITAL INPUTS
Input High Voltage, VINH
2.0
VAA + 0.5
V
Input Low Voltage, VINL
GND – 0.5
0.8
V
Input Current, IIN
VIN = 0.4 V or 2.4 V
±10
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
IOH = –400
µA
2.4
V
Output Low Voltage, VOL
IOL = 3.2 mA
0.4
V
Floating-State Leakage Current
±10
µA
Floating-State Output Capacitance
10
pF
ANALOG OUTPUTS
Gray Scale Current Range
10
60
mA
Output Current
White Level Relative to Black
50.16
52.80
55.44
mA
Black Level Relative to Blank
4.1
4.32
4.54
mA
Blank Level, Sync Disabled
0
5
50
µA
LSB Size
223
µA
DAC to DAC Matching
2
5
%
Output Compliance, VOC
0
1.4
V
Output Impedance, ROUT
10
k
Ω
Output Capacitance, COUT
20
pF
VOLTAGE REFERENCE
Voltage Reference Range, VREF
VREF = 1.234 V for Specified
1.14
1.235
1.30
V
Input Current, IVREF
Performance
5
µA
POWER REQUIREMENTS
VAA
5V
IAA
4
Analog Current
160
200
mA
IAA
4
Digital Current @ 360 MHz
360
400
mA
Power Supply Rejection Ratio
0.12
%/%
DYNAMIC PERFORMANCE
Clock and Data Feedthrough
5
–30
dB
Glitch Impulse
50
pV secs
DAC to DAC Crosstalk6
–23
dB
NOTES
1
± 5% for all versions.
2Temperature range (T
MIN to TMAX), 0°C to +70°C, TJ (Silicon Junction Temperature) ≤100
oC.
3Static performance is measured with the Gain Error Registers set to 00H (disabled).
4I
AA is measured with a typical dynamic pattern, satisfying the absolute maximum current spec for the DACs.
5Clock and Data Feedthrough is a function of the amount of overshoot and undershoot on the digital inputs. Glitch impulse includes clock and data
feedthrough. TTL input values are 0 V to 3 V, with input rise/fall times
≥3 ns, measured at the 10% and 90% points. Timing reference points are at 50% for
inputs and outputs.
6DAC to DAC crosstalk is measured by holding one DAC high while the other two DACs are making low to high and high to low transitions.
Specifications subject to change without notice.
(VAA
1 = +5 V, V
REF = +1.235 V, RRSET, RGSET, RBSET = 280
, RL = 25
, CL = 10 pF.
All specifications TMIN to TMAX
2 unless otherwise noted.)
REV. 0
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com