Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7129 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7129
Description  192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7129 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7129 Datasheet HTML 9Page - Analog Devices ADV7129 Datasheet HTML 10Page - Analog Devices ADV7129 Datasheet HTML 11Page - Analog Devices ADV7129 Datasheet HTML 12Page - Analog Devices ADV7129 Datasheet HTML 13Page - Analog Devices ADV7129 Datasheet HTML 14Page - Analog Devices ADV7129 Datasheet HTML 15Page - Analog Devices ADV7129 Datasheet HTML 16Page - Analog Devices ADV7129 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADV7129
–13–
REV. 0
DIGITAL-TO-ANALOG CONVERTERS (DACS)
AND VIDEO OUTPUTS
The ADV7129 contains three high speed video DACs. The
DAC outputs are represented as the three primary analog color
signals IOR (red video), IOG (green video) and IOB (blue
video).
DACs and Analog Outputs
The part contains three matched 8-bit digital-to-analog converters.
The DACs are designed using an advanced, high speed, seg-
mented architecture. The bit currents corresponding to each
digital input are routed to either IOR, IOG, IOB (bit = “1”) or
IOR
, IOG, IOB (bit = “0”). Normally IOR, IOG, & IOB are
connected to GND.
ZO = 50Ω
(CABLE)
ZL = 50Ω
(MONITOR)
IOR, IOG, IOB
DACs
ZS = 50Ω
(SOURCE TERMINATION)
Figure 10. DAC Output Termination (Doubly Terminated
50
Ω Load)
The analog video outputs are high impedance current sources.
Each of the these three RGB current outputs are specified to di-
rectly drive a 25
Ω load (doubly-terminated 50 Ω).
Reference Input and RSET
An external 1.235 V voltage reference is preferred to set up the
analog outputs of the ADV7129. The reference voltage is con-
nected to the VREF input. In the absence of an external refer-
ence, the on-chip voltage reference is internally connected to
the VREF pin. The internal reference will set up the DAC cur-
rents, although with slightly less accuracy.
A resistor RSET is connected between the RSET (RRSET, RGSET,
RBSET) input of the part and ground. An RSET value of 280
Ω
corresponds to the generation of two times RS-343A video lev-
els into a doubly-terminated 50
Ω load. Figure 11 illustrates the
resulting video waveform and the Video Output Truth Table il-
lustrates the corresponding control input stimuli. On the
ADV7129 SYNC can be encoded on any of the analog signals,
however in practice, SYNC is generally encoded on either the
IOG output or on all of the video outputs.
Any combination of RSET, DAC termination resistors and
programming of SYNC and pedestal are possible provided that
the maximum DAC current of 60 mA and the DAC output
compliance specifications are adhered to. The following tables
show the current levels for different values of RSET resistors and
RLOAD termination.
7.5 IRE
92.5 IRE
40 IRE
SYNC LEVEL
BLANK LEVEL
BLACK LEVEL
WHITE LEVEL
Figure 11. Composite Video Waveform SYNC Decoded;
Pedestal = 7.5 IRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com