Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16252 Datasheet (PDF) - Microchip Technology

MCP16252 Datasheet PDF - Microchip Technology
Part # MCP16252
Download  MCP16252 Download
File Size   1299.81 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Quiescent Current, PFM/PWM Synchronous Boost Regulator

MCP16252 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP16252 Datasheet PDF - Microchip Technology

Part # MCP16252
Download  MCP16252 Click to download

File Size   1299.81 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Quiescent Current, PFM/PWM Synchronous Boost Regulator

MCP16252 Datasheet (HTML) - Microchip Technology


MCP16252 Product details

General Description

The MCP16251/2 is a compact, high-efficiency, fixed frequency, synchronous step-up DC-DC converter. This family of devices provides an easy-to-use power supply solution for applications powered by either one-cell, two-cell or three-cell alkaline, NiCd, NiMH, one-cell Li-Ion or Li-Polymer batteries.



Features:

• Up to 96% Typical Efficiency

•650 mA Typical Peak Input Current Limit:

-IOUT > 100 mA @ 3.3V VOUT, 1.2V VIN

-IOUT > 250 mA @ 3.3V VOUT, 2.4V VIN

-IOUT > 225 mA @ 5.0V VOUT, 3.3V VIN

• Low Device Quiescent Current:

- Output Quiescent Current: < 4 µA typical, device is not switching (VOUT > VIN, excluding feedback divider current)

- Input Sleep Current: 1 µA

- No Load Input Current: 14 µA typical

• Shutdown Current: 0.6 µA typical

• Low Start-up Voltage: 0.82V, 1 mA load

• Low Operating Input Voltage: down to 0.35V

• Adjustable Output Voltage Range: 1.8V to 5.5V

• Maximum Input Voltage VOUT< 5.5V

• Automatic PFM/PWM Operation:

- PWM Operation: 500 kHz

- PFM Output Ripple: 150 mV typical

• Feedback voltage: 1.23V

• Internal Synchronous Rectifier

• Internal Compensation

• Inrush Current Limiting and Internal Soft Start (1.5 ms typical)

• Selectable, Logic Controlled, Shutdown States:

- True Load Disconnect Option (MCP16251)

- Input to Output Bypass Option (MCP16252)

• Anti-Ringing Control

• Overtemperature Protection

• Available Packages:

-SOT-23-6

-2 x 3 8-Lead TDFN



Applications:

• One, Two and Three Cell Alkaline and NiMH/NiCd Portable Products

• Solar Cell Applications

• Personal Care and Medical Products

• Bias for Status LEDs

• Smartphones, MP3 Players, Digital Cameras

• Remote controllers, Portable Instruments

• Wireless Sensors

• Bluetooth Headsets

• +3.3V to +5.0V Distributed Power Supply




Similar Part No. - MCP16252

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16252T-I/CH MICROCHIP-MCP16252T-I/CH Datasheet
892Kb / 32P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
MCP16252T-I/MNY MICROCHIP-MCP16252T-I/MNY Datasheet
892Kb / 32P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
More results


Similar Description - MCP16252

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com