Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16252 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP16252
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16252 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP16252 Datasheet HTML 5Page - Microchip Technology MCP16252 Datasheet HTML 6Page - Microchip Technology MCP16252 Datasheet HTML 7Page - Microchip Technology MCP16252 Datasheet HTML 8Page - Microchip Technology MCP16252 Datasheet HTML 9Page - Microchip Technology MCP16252 Datasheet HTML 10Page - Microchip Technology MCP16252 Datasheet HTML 11Page - Microchip Technology MCP16252 Datasheet HTML 12Page - Microchip Technology MCP16252 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
 2013 Microchip Technology Inc.
DS25173A-page 9
MCP16251/2
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Feedback Voltage Pin (VFB)
The VFB pin is used to provide output voltage regulation
by using a resistor divider. Feedback voltage will
typically be 1.23V, with the output voltage in regulation.
3.2
Signal Ground Pin (SGND)
The signal ground pin is used as a return for the
integrated VREF and error amplifier. In the 2x3 TDFN
package, the SGND and power ground (PGND) pins are
connected externally.
3.3
Power Ground Pin (PGND)
The power ground pin is used as a return for the high-
current N-Channel switch. In the 2x3 TDFN package,
the PGND and signal ground (SGND) pins are connected
externally.
3.4
Enable Pin (EN)
The EN pin is a logic-level input used to enable or
disable device switching and lower quiescent current
while disabled. A logic high (>70% of VIN) will enable
the regulator output. A logic low (<20% of VIN) will
ensure that the regulator is disabled.
3.5
Switch Node Pin (SW)
Connect the inductor from the input voltage to the SW
pin. The SW pin carries inductor current and can be as
high
as
650 mA
typical
peak.
The
integrated
N-Channel switch drain and integrated P-Channel
switch source are internally connected at the SW node.
3.6
Output Voltage Power Pin (VOUTP)
The output voltage power pin connects the output volt-
age to the switch node. High current flows through the
integrated P-Channel and out of this pin to the output
capacitor and output. In the 2x3 TDFN package, VOUTS
and VOUTP are connected externally.
3.7
Output Voltage Sense Pin (VOUTS)
The output voltage sense pin connects the regulated
output voltage to the internal bias circuits. In the 2x3
TDFN package, VOUTS and VOUTP are connected
externally.
3.8
PowerSupply InputVoltage Pin (VIN)
Connect the input voltage source to VIN. The input
source should be decoupled to GND with a 4.7 µF
minimum capacitor.
3.9
Exposed Thermal Pad (EP)
There is no internal electrical connection between the
Exposed Thermal Pad (EP) and the PGND and SGND
pins. They must be connected to the same potential on
the Printed Circuit Board (PCB).
3.10
Ground Pin (GND)
The ground or return pin is used for circuit ground con-
nection. Length of trace from input cap return, output
cap return and GND pin should be made as short as
possible to minimize noise on the GND pin. In the
SOT23-6 package, a single ground pin is used.
3.11
Output Voltage Pin (VOUT)
The output voltage pin connects the integrated
P-Channel MOSFET to the output capacitor. The feed-
back voltage divider is also connected to the VOUT pin
for voltage regulation.
TABLE 3-1:
PIN FUNCTION TABLE
MCP16251/2
SOT-23
MCP16251/2
2x3 TDFN
Symbol
Description
4
1
VFB
Feedback Voltage Pin
—
2
SGND
Signal Ground Pin
—
3
PGND
Power Ground Pin
3
4
EN
Enable Control Input Pin
1
5
SW
Switch Node, Boost Inductor Input Pin
—
6
VOUTP
Output Voltage Power Pin
—
7
VOUTS
Output Voltage Sense Pin
6
8
VIN
Input Voltage Pin
—
9
EP
Exposed Thermal Pad (EP); must be connected to VSS.
2
—
GND
Ground Pin
5
—
VOUT
Output Voltage Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com