Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16252 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP16252
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16252 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP16252 Datasheet HTML 2Page - Microchip Technology MCP16252 Datasheet HTML 3Page - Microchip Technology MCP16252 Datasheet HTML 4Page - Microchip Technology MCP16252 Datasheet HTML 5Page - Microchip Technology MCP16252 Datasheet HTML 6Page - Microchip Technology MCP16252 Datasheet HTML 7Page - Microchip Technology MCP16252 Datasheet HTML 8Page - Microchip Technology MCP16252 Datasheet HTML 9Page - Microchip Technology MCP16252 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP16251/2
DS25173A-page 6
 2013 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = EN = 1.5V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, ILOAD = 0 mA,
TA = +25°C, SOT-23 package.
FIGURE 2-7:
3.3V VOUT vs. Ambient
Temperature.
FIGURE 2-8:
3.3V VOUT vs. Ambient
Temperature.
FIGURE 2-9:
3.3V VOUT vs. VIN.
FIGURE 2-10:
Maximum IOUT vs. VIN, After
Start-up, VOUT Maximum 5% Below Regulation
Point.
FIGURE 2-11:
FOSC vs. Ambient
Temperature.
FIGURE 2-12:
VIN Start-up vs.
Temperature into Resistive Load and Constant
Current.
329
3.30
3.31
3.32
3.33
I
LOAD = 1 mA
I
LOAD = 10 mA
I
LOAD = 50 mA
3.27
3.28
3.29
-40
-25
-10
5
2035506580
Ambient Temperature (°C)
3.28
3.29
3.30
3.31
3.32
V
IN = 1.2V
V
IN = 1.5V
V
=24V
3.25
3.26
3.27
-40
-25
-10
5
2035506580
Ambient Temperature (°C)
I
LOAD = 20 mA
V
IN = 0.9V
V
IN = 2.4V
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
1.5 1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8
Input Voltage (V)
I
LOAD = 50 mA
T
A = +25°C
T
A = +85°C
T
A = -40°C
0
50
100
150
200
250
300
350
400
450
500
0.9 1.2 1.5 1.8 2.1 2.4 2.7
3
3.3 3.6 3.9 4.2 4.5
Input Voltage (V)
V
OUT = 3.3V
V
OUT = 2.0V
V
OUT = 5.0V
485
490
495
500
505
510
470
475
480
-40
-25
-10
5
2035506580
Ambient Temperature (°C)
08
0.9
1
1.1
1.2
V
OUT = 3.3V
---- Electronic Load, CC
Resistive Load
I
LOAD = 20 mA
0.6
0.7
0.8
-40
-25
-10
5
20
35
50
65
80
Ambient Temperature (°C)
I
LOAD = 1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com