Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16252 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP16252
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16252 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP16252 Datasheet HTML 4Page - Microchip Technology MCP16252 Datasheet HTML 5Page - Microchip Technology MCP16252 Datasheet HTML 6Page - Microchip Technology MCP16252 Datasheet HTML 7Page - Microchip Technology MCP16252 Datasheet HTML 8Page - Microchip Technology MCP16252 Datasheet HTML 9Page - Microchip Technology MCP16252 Datasheet HTML 10Page - Microchip Technology MCP16252 Datasheet HTML 11Page - Microchip Technology MCP16252 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP16251/2
DS25173A-page 8
 2013 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = EN = 1.5V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, ILOAD = 0 mA,
TA = +25°C, SOT-23 package.
FIGURE 2-19:
MCP16251 3.3V VOUT
PWM Mode Waveforms
FIGURE 2-20:
3.3V Start-up After Enable.
FIGURE 2-21:
3.3V Start-Up When
VIN = VENABLE.
FIGURE 2-22:
MCP16251 3.3V VOUT Load
Transient Waveforms.
FIGURE 2-23:
3.3V VOUT Line Transient
Waveforms.
FIGURE 2-24:
MCP16251 3.3V No Load
VOUT PFM Mode Output Ripple.
VOUT 50 mV/div
IOUT =50 mA
IL 200 mA/div
VSW
2µs/div
2V/div
AC Coupled
VOUT =3.3V
VIN =1.5V
IOUT =15 mA
VOUT 2 V/div
VEN
400 µs/div
2 V/div
VOUT 2V/div
IOUT =15 mA
IL 100 mA/div
VIN
400 µs/div
1V/div
VOUT 100 mV/div
AC Coupled
ISTEP = 1 mA to 75 mA
IOUT 50 mA/div
400 µs/div
PFM Mode
PWM Mode
VSTEP from 1V to 2.5V
IOUT =20 mA
VOUT 100 mV/div
1ms/div
AC Coupled
VIN
1 V/div
VOUT 100 mV/div
AC Coupled
IOUT =0 mA
IL 20 mA/div
100 ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com