Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16252 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP16252
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16252 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP16252 Datasheet HTML 12Page - Microchip Technology MCP16252 Datasheet HTML 13Page - Microchip Technology MCP16252 Datasheet HTML 14Page - Microchip Technology MCP16252 Datasheet HTML 15Page - Microchip Technology MCP16252 Datasheet HTML 16Page - Microchip Technology MCP16252 Datasheet HTML 17Page - Microchip Technology MCP16252 Datasheet HTML 18Page - Microchip Technology MCP16252 Datasheet HTML 19Page - Microchip Technology MCP16252 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MCP16251/2
DS25173A-page 16
 2013 Microchip Technology Inc.
Several parameters are used to select the correct
inductor: maximum rated current, saturation current
and copper resistance (ESR). For boost converters, the
inductor current can be much higher than the output
current. The lower the inductor ESR, the higher the
efficiency of the converter, a common trade-off in size
versus efficiency.
The saturation current typically specifies a point at
which the inductance has rolled off a percentage of the
rated value. This can range from a 20% to 40%
reduction in inductance. As the inductance rolls off, the
inductor ripple current increases, as does the peak
switch current. It is important to keep the inductance
from rolling off too much, causing switch current to
reach the peak limit.
5.6
Thermal Calculations
The MCP16251/2 is available in two different packages
(SOT-23-6 and 2 x 3 TDFN-8). By calculating the
power dissipation and applying the package thermal
resistance (
JA), the junction temperature is estimated.
The maximum continuous junction temperature rating
for the MCP16251/2 family of devices is +125oC.
To quickly estimate the internal power dissipation for
the switching boost regulator, an empirical calculation
using measured efficiency can be used. Given the
measured efficiency, the internal power dissipation is
estimated by Equation 5-3.
EQUATION 5-3:
The difference between the first term, input power, and
the second term, power delivered, is the internal
MCP16251/2’s power dissipation. This is an estimate
assuming that most of the power lost is internal to the
MCP16251/2 and not CIN, COUT and the inductor.
There is some percentage of power lost in the boost
inductor, with very little loss in the input and output
capacitors. For a more accurate estimation of internal
power dissipation, subtract the IINRMS
2 x L
ESR power
dissipation.
5.7
PCB Layout Information
Good printed circuit board layout techniques are
important to any switching circuitry, and switching
power supplies are no different. When wiring the
switching high current paths, short and wide traces
should be used. Therefore, it is important that the input
and output capacitors be placed as close as possible to
the MCP16251/2 to minimize the loop area.
The feedback resistors and feedback signal should be
routed away from the switching node and the switching
current loop. When possible, ground planes and traces
should be used to help shield the feedback signal and
minimize noise and magnetic interference.
FIGURE 5-1:
MCP16251/2 SOT-23-6 Recommended Layout.
V
OUT
I
OUT
Efficiency
-------------------------------


V
OUT
I
OUT

–
P
Dis
=
COUT
L
CIN
+VIN
GND
GND
+VOUT
Via to GND Plane
MCP1625X
Via for Enable
RTOP
RBOT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com