Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16252 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP16252
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16252 Datasheet(HTML) 2 Page - Microchip Technology

  MCP16252 Datasheet HTML 1Page - Microchip Technology MCP16252 Datasheet HTML 2Page - Microchip Technology MCP16252 Datasheet HTML 3Page - Microchip Technology MCP16252 Datasheet HTML 4Page - Microchip Technology MCP16252 Datasheet HTML 5Page - Microchip Technology MCP16252 Datasheet HTML 6Page - Microchip Technology MCP16252 Datasheet HTML 7Page - Microchip Technology MCP16252 Datasheet HTML 8Page - Microchip Technology MCP16252 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
MCP16251/2
DS25173A-page 2
 2013 Microchip Technology Inc.
Typical Application
VIN
PGND
VFB
SW
VIN
3.0V to 4.2V
VOUT
5.0V / 200 mA
COUT
10 µF
CIN
4.7 µF
L
4.7 µH
VOUTS
+
-
3.09 M
1M
VOUTP
SGND
EN
VIN
GND
VFB
SW
VIN
0.9V to 1.7V
VOUT
3.3V / 75 mA
COUT
10 µF
CIN
4.7 µF
L
4.7 µH
VOUT
+
-
1.69 M
1M
EN
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
I
OUT (mA)
V
OUT = 3.3V
V
IN = 1.5V
V
IN = 2.4V
V
IN = 3.0V
RTOP
RBOT
RTOP
RBOT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com