Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4331 Datasheet (PDF) - Cirrus Logic

CS4331 Datasheet PDF - Cirrus Logic
Part # CS4331
Download  CS4331 Download
File Size   1076.99 Kbytes
Page   38 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 8 Pin Stereo D/A Converter for Digital Audio

CS4331 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4331 Datasheet PDF - Cirrus Logic

Part # CS4331
Download  CS4331 Click to download

File Size   1076.99 Kbytes
Page   38 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 8 Pin Stereo D/A Converter for Digital Audio

CS4331 Datasheet (HTML) - Cirrus Logic


CS4331 Product details

Description

The CS4330, CS4331 and CS4333 are complete, stereo digital-to-analog output systems including interpolation, 1-bit D/A conversion and output analog filtering in an 8-pin package. These devices differ in the serial interface format used to input audio data.



Features

lComplete Stereo DAC System: Interpolation, D/A, Output Analog Filtering

l18-Bit Resolution

l94 dB Dynamic Range

l0.003% THD

lLow Clock Jitter Sensitivity

lSingle +3 V or +5 V Power Supply

lFiltered Line Level Outputs  

Linear Phase Filtering

lOn-Chip Digital De-emphasis




Similar Part No. - CS4331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS4331 ETC-CS4331 Datasheet
115Kb / 1P
Integrated Wavetable Music Synthesizer
JAN .95
More results


Similar Description - CS4331

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
8-Pin, Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com