Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4331 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4331
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4331 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4331 Datasheet HTML 1Page - Cirrus Logic CS4331 Datasheet HTML 2Page - Cirrus Logic CS4331 Datasheet HTML 3Page - Cirrus Logic CS4331 Datasheet HTML 4Page - Cirrus Logic CS4331 Datasheet HTML 5Page - Cirrus Logic CS4331 Datasheet HTML 6Page - Cirrus Logic CS4331 Datasheet HTML 7Page - Cirrus Logic CS4331 Datasheet HTML 8Page - Cirrus Logic CS4331 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS4330/31/33
8 Pin Stereo D/A Converter for Digital Audio
Features
l Complete Stereo DAC System:
Interpolation, D/A, Output Analog Filtering
l 18-Bit Resolution
l 94 dB Dynamic Range
l 0.003% THD
l Low Clock Jitter Sensitivity
l Single +3 V or +5 V Power Supply
l Filtered Line Level Outputs
Linear Phase Filtering
l On-Chip Digital De-emphasis
Description
The CS4330, CS4331 and CS4333 are complete, stereo
digital-to-analog output systems including interpolation,
1-bit D/A conversion and output analog filtering in an 8-
pin package. These devices differ in the serial interface
format used to input audio data.
The CS4330, CS4331 and CS4333 are based on delta-
sigma modulation, where the modulator output controls
the reference voltage input to an ultra-linear analog low-
pass filter. This architecture allows for infinite adjustment
of sample rate between 2 kHz and 50 kHz while main-
taining linear phase response simply by changing the
master clock frequency.
The CS4330, CS4331 and CS4333 contain on-chip dig-
ital de-emphasis, operate from a single +3 V or +5 V
power supply, and consume only 60mW of power with a
3 V power supply. These features make them ideal for
portable CD players and other portable playback
systems.
ORDERING INFORMATION
See page 21.
I
LRCK
3
SDATA
1
DEM/SCLK
2
MCLK
4
VA+
AOUTL
8
AOUTR
5
Serial Input
Interface
Interpolator
Interpolator
De-emphasis
Delta-Sigma
Modulator
Delta-Sigma
Modulator
DAC
DAC
Voltage Reference
Analog
Low-Pass
Filter
Analog
Low-Pass
Filter
7
AGND
6
MAY ‘97
DS136F1


Similar Part No. - CS4331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS4331 ETC-CS4331 Datasheet
115Kb / 1P
Integrated Wavetable Music Synthesizer
JAN .95
More results

Similar Description - CS4331

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
16-Bit Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
8-Pin, Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
8-Pin, Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
8-pin, 24-Bit Stereo D/A Converter for PCM Audio
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com