Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4331 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4331
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4331 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4331 Datasheet HTML 21Page - Cirrus Logic CS4331 Datasheet HTML 22Page - Cirrus Logic CS4331 Datasheet HTML 23Page - Cirrus Logic CS4331 Datasheet HTML 24Page - Cirrus Logic CS4331 Datasheet HTML 25Page - Cirrus Logic CS4331 Datasheet HTML 26Page - Cirrus Logic CS4331 Datasheet HTML 27Page - Cirrus Logic CS4331 Datasheet HTML 28Page - Cirrus Logic CS4331 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Analog output filter
The recommended single pole filter required for
the CS4330/31/33 has been combined with a
unity gain output buffer (see Figure 2). The ana-
log output filter uses a Motorola MC33202
single supply, dual op-amp. The low pass filter
corner frequency is located at 2 Fs, or 88.2 kHz
and is calculated by:
F
=
1
(2π) (R8 || R9) (C29)
F
=
1
(2π) (15kΩ || 6.65kΩ) (390pF)
= 88.5 kHz
Power Supply Circuitry
Power is supplied to the evaluation board by
three binding posts (GND, +5V, +3V/+5V), See
Figure 7. The +5V input supplies power to the
+5 Volt digital circuitry (VD+5), while the
+3V/+5V input supplies power to the Voltage
Level Converter (VD+3/+5), and CS4330/31/33
(VA+3/+5) for evaluation in either +3 or +5 Volt
mode. The op-amp is supplied from the analog
supply (VA+) which can be derived from either
the +5V post (VA+5) or the +3/+5V post
(VA+3/+5) depending upon which Ferrite bead
(L4 or L5) is installed. The evaluation board is
configured with VA+ derived from VA+5 (L5 in-
stalled). To derive VA+ from the +3V/+5V post
(VA+3/+5), remove the Ferrite bead at L5, and
install it at L4.
Input/Output for Clocks and Data
The evaluation board has been designed to allow
the interface to external systems via the 10-pin
header, J1. This header allows the evaluation
board to accept externally generated clocks and
data. The schematic for the clock/data I/O is
shown in Figure 5. The 74HC243 transceiver
functions as an I/O buffer where the CLK
SOURCE jumper determines if the transceiver
operates as a transmitter or receiver.
The transceiver operates as a transmitter with the
CLK SOURCE jumper in the 8412 position.
LRCK, SDATA, and SCLK from the CS8412
will be available on J1. J22 must be in the 0 po-
sition and J23 must be in the 1 position for
MCLK to be an output and to avoid bus conten-
tion on MCLK.
The transceiver operates as a receiver with the
CLK SOURCE jumper in the EXTERNAL posi-
tion. LRCK, SDATA and SCLK on J1 become
inputs. The CS8412 must be removed from the
evaluation board for operation in this mode.
There are 2 options for the source of MCLK in
the External Clock Source mode. MCLK can be
an input with J23 in the 1 position and J22 in the
0 position. However, the recommended mode of
operation is to generate MCLK on the evaluation
board. MCLK becomes an output with LRCK,
SCLK and SDATA inputs. This technique insures
that the CS4330/31/33 receives a jitter free clock
to maximize performance. This can be accom-
plished by installing a crystal oscillator into U5,
see Figure 4 (the socket for U5 is located within
the footprint for the CS8412) and placing J22 in
the 1 position and J23 in the 0 position.
Grounding and Power Supply Decoupling
The CS4330/31/33 requires careful attention to
power supply and grounding arrangements to op-
timize performance. Fi gure 2 sh ows the
re commend ed power a rrangements.
The
CS4330/31/33 is positioned over the analog
ground plane near the digital/analog ground
plane split. These ground planes are connected
elsewhere on the board. This layout technique is
used to minimizing digital noise and to insure
proper power supply matching/sequencing. The
decoupling capacitors are located as close to the
CS4330/31/33 as possible. Extensive use of
ground plane fill on both the analog and digital
sections of the evaluation board yield large re-
ductions in radiated noise effects.
CDB4330, CDB4331, CDB4333
DS136DB2
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com