Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4331 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4331
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4331 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4331 Datasheet HTML 17Page - Cirrus Logic CS4331 Datasheet HTML 18Page - Cirrus Logic CS4331 Datasheet HTML 19Page - Cirrus Logic CS4331 Datasheet HTML 20Page - Cirrus Logic CS4331 Datasheet HTML 21Page - Cirrus Logic CS4331 Datasheet HTML 22Page - Cirrus Logic CS4331 Datasheet HTML 23Page - Cirrus Logic CS4331 Datasheet HTML 24Page - Cirrus Logic CS4331 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ORDERING INFORMATION:
Model
Temperature
Package
CS4330-KS
-10 to +70°C
8-pin Plastic SOIC
CS4331-KS
-10 to +70°C
8-pin Plastic SOIC
CS4333-KS
-10 to +70°C
8-pin Plastic SOIC
CS4330-BS
-40 to +85°C
8-pin Plastic SOIC
CS4331-BS
-40 to +85°C
8-pin Plastic SOIC
CS4333-BS
-40 to +85°C
8-pin Plastic SOIC
F
G
J
I
H
B
A
MILLIMETERS
INCHES
MIN
MAX
MAX
MIN
DIM
H
I
J
A
B
TYP
1.27
0.050
TYP
D
0
0.010
0
0.25
E
0.070
0.074
1.77
1.88
0.006
0.010
0.15
0.25
8
0
8
0
0.030
0.019
0.48
0.76
0.319
0.302
0.203
0.210
5.15
5.35
7.67
8.1
5.18
5.4
0.204
0.213
D
C
8-Pin
SOIC
E
F
0.33
0.51
0.020
G
C
0.013
PACKAGE DIMENSIONS
Note: The EIAJ package is not a standard JEDEC package size
CS4330, CS4331, CS4333
DS136F1
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com