Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4331 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4331
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4331 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4331 Datasheet HTML 10Page - Cirrus Logic CS4331 Datasheet HTML 11Page - Cirrus Logic CS4331 Datasheet HTML 12Page - Cirrus Logic CS4331 Datasheet HTML 13Page - Cirrus Logic CS4331 Datasheet HTML 14Page - Cirrus Logic CS4331 Datasheet HTML 15Page - Cirrus Logic CS4331 Datasheet HTML 16Page - Cirrus Logic CS4331 Datasheet HTML 17Page - Cirrus Logic CS4331 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Performance Plots
The following CS4330/31/33 measurement plots
were taken on the CDB4330/31/33 evaluation
board with an Audio Precision Dual Domain
System One. All plots are done in +5V mode at
a 48 kHz sampling rate, and are shown in Fig-
ures 13-20.
Figure 13 shows the CS4330/31/33 frequency re-
sponse. The response is flat to 20 kHz
± 0.1dB
as specified.
Figure 14 shows THD+N versus signal ampli-
tude for a 1 kHz 20-bit dithered input signal.
Figure 15 shows a 16k FFT of a 1 kHz full-scale
input signal. The signal has been filtered by a
notch filter within the System One to remove the
fundamental component of the signal. This mini-
mizes the distortion created in the analyzer
analog-to-digital converter. This technique is dis-
c usse d by Au d io Pre cisio n in the 10t h
anniversary edition of AUDIO.TST.
Figure 16 shows a 16k FFT of a 1 kHz -3 dBFs
input signal. The signal has been filtered by a
notch filter within the System One to remove the
fundamental component of the signal.
Figure 17 shows a 16k FFT of a 1 kHz -20 dBFs
input signal. The signal has been filtered by a
notch filter within the System One to remove the
fundamental component of the signal.
Figure 18 shows a 16k FFT of a 1 kHz -60 dBFs
input signal.
Figure 19 shows a 16k FFT of a 1 kHz -90 dBFs
input signal.
Figure 20 shows the fade-to-noise linearity. The
input signal is a dithered 18-bit 500 Hz sine
Figure 13. Frequency Response
Figure 14. THD+N vs. Amplitude
Figure 15. 0 dBFs FFT
CS4330, CS4331, CS4333
14
DS136F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com